Electronic Components Datasheet Search
  English  ▼

X  

SBOU007 Datasheet(PDF) 12 Page - Texas Instruments

Part # SBOU007
Description  Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SBOU007 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SBOU007 Datasheet HTML 8Page - Texas Instruments SBOU007 Datasheet HTML 9Page - Texas Instruments SBOU007 Datasheet HTML 10Page - Texas Instruments SBOU007 Datasheet HTML 11Page - Texas Instruments SBOU007 Datasheet HTML 12Page - Texas Instruments SBOU007 Datasheet HTML 13Page - Texas Instruments SBOU007 Datasheet HTML 14Page - Texas Instruments SBOU007 Datasheet HTML 15Page - Texas Instruments SBOU007 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
OPA3691
SBOS227E
12
www.ti.com
APPLICATIONS INFORMATION
WIDEBAND CURRENT-FEEDBACK OPERATION
The OPA3691 gives the exceptional AC performance of a
wideband current-feedback op amp with a highly linear, high-
power output stage. Requiring only 5.1mA/ch quiescent
current, the OPA3691 will swing to within 1V of either supply
rail and deliver in excess of 160mA at room temperature.
This low output headroom requirement, along with supply
voltage independent biasing, gives remarkable single (+5V)
supply operation. The OPA3691 will deliver greater than
200MHz bandwidth driving a 2Vp-p output into 100
Ω on a
single +5V supply. Previous boosted output stage amplifiers
have typically suffered from very poor crossover distortion as
the output current goes through zero. The OPA3691 achieves
a comparable power gain with much better linearity. The
primary advantage of a current-feedback op amp over a
voltage-feedback op amp is that AC performance (bandwidth
and distortion) is relatively independent of signal gain.
Figure 1 shows the DC-coupled, gain of +2, dual power-
supply circuit configuration used as the basis of the
±5V
Electrical Characteristics and Typical Characteristics. For
test purposes, the input impedance is set to 50
Ω with a
resistor to ground and the output impedance is set to 50
Ω
with a series output resistor. Voltage swings reported in the
electrical characteristics are taken directly at the input and
output pins while load powers (dBm) are defined at a matched
50
Ω load. For the circuit of Figure 1, the total effective load
will be 100
Ω || 998Ω. The disable control line (DIS) is
typically left open to ensure normal amplifier operation. One
optional component is included in Figure 1. In addition to the
usual power-supply decoupling capacitors to ground, a 0.01
µF
capacitor is included between the two power-supply pins. In
practical PC board layouts, this optionally added capacitor
will typically improve the 2nd-harmonic distortion perfor-
mance by 3dB to 6dB.
Figure 2 shows the AC-coupled, gain of +2, single-supply
circuit configuration used as the basis of the +5V Specifica-
tions and Typical Characteristics. Though not a
rail-to-rail
design, the OPA3691 requires minimal input and output
voltage headroom compared to other very wideband current-
feedback op amps. It will deliver a 3Vp-p output swing on a
single +5V supply with greater than 150MHz bandwidth. The
key requirement of broadband single-supply operation is to
maintain input and output signal swings within the usable
voltage ranges at both the input and the output. The circuit of
Figure 2 establishes an input midpoint bias using a simple
resistive divider from the +5V supply (two 806
Ω resistors).
The input signal is then AC-coupled into this midpoint voltage
bias. The input voltage can swing to within 1.5V of either
supply pin, giving a 2Vp-p input signal range centered be-
tween the supply pins. The input impedance matching resis-
tor (57.6
Ω) used for testing is adjusted to give a 50Ω input
match when the parallel combination of the biasing divider
network is included. The gain resistor (RG) is AC-coupled,
giving the circuit a DC gain of +1, which puts the input DC bias
voltage (2.5V) on the output as well. Again, on a single +5V
supply, the output voltage can swing to within 1V of either
supply pin while delivering more than 120mA output current.
A demanding 100
Ω load to a midpoint bias is used in this
characterization circuit. The new output stage used in the
OPA3691 can deliver large bipolar output currents into this
midpoint load with minimal crossover distortion, as shown by
the +5V supply, 3rd-harmonic distortion plots.
FIGURE 1. DC-Coupled, G = +2, Bipolar Supply, Specifica-
tion and Test Circuit.
FIGURE 2. AC-Coupled, G = +2, Single-Supply, Specifica-
tion and Test Circuit.
1/3
OPA3691
+5V
+
DIS
–5V
50
Ω Load
50
Ω
50
Ω
V
O
V
I
50
Ω Source
R
G
499
Ω
R
F
499
Ω
+
6.8
µF
0.1
µF
6.8
µF
0.1
µF
0.01
µF
+V
S
–V
S
1/3
OPA3691
+5V
+V
S
DIS
V
S/2
806
Ω
100
Ω
V
O
V
I
57.6
Ω
806
Ω
R
F
499
Ω
R
G
499
Ω
0.1
µF
0.1
µF
6.8
µF
+
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com