Electronic Components Datasheet Search
  English  ▼

X  

SBOU007 Datasheet(PDF) 13 Page - Texas Instruments

Part # SBOU007
Description  Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SBOU007 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SBOU007 Datasheet HTML 9Page - Texas Instruments SBOU007 Datasheet HTML 10Page - Texas Instruments SBOU007 Datasheet HTML 11Page - Texas Instruments SBOU007 Datasheet HTML 12Page - Texas Instruments SBOU007 Datasheet HTML 13Page - Texas Instruments SBOU007 Datasheet HTML 14Page - Texas Instruments SBOU007 Datasheet HTML 15Page - Texas Instruments SBOU007 Datasheet HTML 16Page - Texas Instruments SBOU007 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
OPA3691
13
www.ti.com
SBOS227E
TRIPLE ADC BUFFER CHANNEL
The OPAx691 family is ideally suited to single-supply,
wideband ADC driving. A current-feedback op amp is ideal
where high gains with high bandwidths are required. The
wide 3Vp-p output swing with over 150MHz full-power band-
width on a single +5V supply is well suited to the
2Vp-p input range commonly required from modern CMOS
pipelined ADCs. Three channels of very high-speed digitizer
channels are shown in Figure 3 using the OPA3691 driving
three ADS831s (8-bit, 80MSPS CMOS converters). Each
input is AC-coupled into a 50
Ω gain resistor that also will act
as a 50
Ω impedance match at high frequencies. The amplifier’s
inputs and outputs are centered on the ADC common-mode
input voltage by tying each converter’s VCM to the noninverting
inputs of the amplifier. This VCM acts as the swing midpoint
for the input to the converter. Since the ADS831 can operate
with differential inputs, driving into the IN input will give a net
noninverting signal channel even with the amplifiers operat-
ing at an inverting gain of –6. The other input to the ADS831
is tied to this VCM as well to give an input signal midpoint
equal to VCM. The 300Ω feedback resistor will be the output
load in this configuration. Harmonic distortion for the OPA3691
will not degrade the converter’s SFDR performance in this
application.
WIDEBAND RGB MULTIPLEXER
The OPA3691 is ideally suited to implementing a simple,
very wideband, 2x1 RGB multiplexer. This simple
wired-OR
video multiplexer can be easily implemented using the circuit
shown in Figure 4.
This circuit uses two OPA3691s where each package accepts
the three RGB component video signals from one of two
possible sources. Each noninverting input is terminated in 75
Ω
FIGURE 4. Wideband 2x1 RGB Multiplexer.
FIGURE 3. Triple-Channel ADC Driver.
1/3
OPA3691
22
Ω
300
Ω
50
Ω
0.1
µF
300
Ω
0.1
µF
47pF
V
1
ADS831
8-Bit
80MSPS
IN
V
CM
IN
1/3
OPA3691
22
Ω
300
Ω
50
Ω
0.1
µF
300
Ω
0.1
µF
47pF
V
1
ADS831
8-Bit
80MSPS
IN
V
CM
IN
1/3
OPA3691
22
Ω
300
Ω
50
Ω
0.1
µF
300
Ω
0.1
µF
47pF
V
1
ADS831
8-Bit
80MSPS
IN
V
CM
IN
+5V
Power-supply
decoupling not shown.
1/3
OPA3691
340
Ω
402
Ω
75
Ω
82.5
Ω
V
OUT Red
75
Ω Line
R1
+5V
+5V
–5V
1/3
OPA3691
340
Ω
402
Ω
75
Ω
82.5
Ω
V
OUT Green
75
Ω Line
G1
1/3
OPA3691
340
Ω
402
Ω
75
Ω
82.5
Ω
V
OUT Blue
75
Ω Line
B1
1/3
OPA3691
340
Ω
402
Ω
75
Ω
82.5
Ω
R2
+5V
–5V
1/3
OPA3691
340
Ω
402
Ω
75
Ω
82.5
Ω
G2
1/3
OPA3691
340
Ω
402
Ω
75
Ω
82.5
Ω
B2
V
DIS
U1
U2
Power-supply
decoupling not shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com