Electronic Components Datasheet Search
  English  ▼

X  

OPA682 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA682
Description  Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA682 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA682 Datasheet HTML 4Page - Texas Instruments OPA682 Datasheet HTML 5Page - Texas Instruments OPA682 Datasheet HTML 6Page - Texas Instruments OPA682 Datasheet HTML 7Page - Texas Instruments OPA682 Datasheet HTML 8Page - Texas Instruments OPA682 Datasheet HTML 9Page - Texas Instruments OPA682 Datasheet HTML 10Page - Texas Instruments OPA682 Datasheet HTML 11Page - Texas Instruments OPA682 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
OPA692
8
SBOS236E
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V (Cont.)
TA = +25°C, G = +2, and RL = 100Ω (see Figure 1 for DC performance only), unless otherwise noted.
–50
–55
–60
–65
–70
–75
–80
–85
–90
Supply Voltage (
±V
S)
2
2.5
3
3.5
4
4.5
5
5.5
6
5MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
V
O = 2Vp-p
R
L = 100Ω
f = 5MHz
2nd-Harmonic
3rd-Harmonic
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
Load Resistance (
Ω)
100
1000
HARMONIC DISTORTION vs LOAD RESISTANCE
V
O = 2Vp-p
f = 5MHz
2nd-Harmonic
3rd-Harmonic
–65
–70
–75
–80
–85
Output Voltage Swing (Vp-p)
0.1
1
5
HARMONIC DISTORTION vs OUTPUT VOLTAGE
R
L = 100Ω
f = 5MHz
2nd-Harmonic
3rd-Harmonic
–50
–60
–70
–80
–90
–100
HARMONIC DISTORTION vs FREQUENCY (G = +2)
Frequency (MHz)
0.1
1
10
20
dBc = dB Below Carrier
V
O = 2Vp-p
R
L = 100Ω
3rd-Harmonic
2nd-Harmonic
–50
–60
–70
–80
–90
–100
HARMONIC DISTORTION vs FREQUENCY (G = –1)
Frequency (MHz)
0.1
1
10
20
dBc = dB Below Carrier
V
O = 2Vp-p
R
L = 100Ω
3rd-Harmonic
2nd-Harmonic
HARMONIC DISTORTION vs FREQUENCY (G = +1)
Frequency (MHz)
0.1
1
10
20
–50
–60
–70
–80
–90
–100
dBc = dB Below Carrier
V
O = 2Vp-p
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com