Electronic Components Datasheet Search
  English  ▼

X  

OPA682 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA682
Description  Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA682 Datasheet(HTML) 1 Page - Texas Instruments

  OPA682 Datasheet HTML 1Page - Texas Instruments OPA682 Datasheet HTML 2Page - Texas Instruments OPA682 Datasheet HTML 3Page - Texas Instruments OPA682 Datasheet HTML 4Page - Texas Instruments OPA682 Datasheet HTML 5Page - Texas Instruments OPA682 Datasheet HTML 6Page - Texas Instruments OPA682 Datasheet HTML 7Page - Texas Instruments OPA682 Datasheet HTML 8Page - Texas Instruments OPA682 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
www.ti.com
OPA692
SBOS236E – MARCH 2002 – REVISED DECEMBER 2008
www.ti.com
DESCRIPTION
The OPA692 provides an easy to use, broadband fixed gain
video buffer amplifier. Depending on the external connec-
tions, the internal resistor network may be used to provide
either a fixed gain of +2 video buffer or a gain of +1 or –1
voltage buffer. Operating on a very low 5.1mA supply cur-
rent, the OPA692 offers a slew rate and output power
normally associated with a much higher supply current. A
new output stage architecture delivers high output current
with minimal headroom and crossover distortion. This gives
exceptional single-supply operation. Using a single +5V
supply, the OPA692 can deliver a 1V to 4V output swing with
over 120mA drive current and > 200MHz bandwidth. This
combination of features makes the OPA692 an ideal RGB
line driver or single-supply Analog-to-Digital Converter (ADC)
input driver.
The low 5.1mA supply current for the OPA692 is precisely
trimmed at +25
°C. This trim, along with low drift over tem-
perature, ensures a lower maximum supply current than
competing products that report only a room temperature
nominal supply current. System power may be further re-
duced by using the optional disable control pin. Leaving this
disable pin open, or holding it HIGH, gives normal operation.
If pulled LOW, the OPA692 supply current drops to less than
150
µA while the I/O pins go into a high-impedance state.
FEATURES
q FLEXIBLE SUPPLY RANGE:
+5V to +12V Single Supply
±2.5V to ±6V Dual Supplies
q INTERNALLY FIXED GAIN: +2 or
±1
q HIGH BANDWIDTH (G = +2): 225MHz
q LOW SUPPLY CURRENT: 5.1mA
q LOW DISABLED CURRENT: 150
µA
q HIGH OUTPUT CURRENT: 190mA
q OUTPUT VOLTAGE SWING:
±4.0V
q SOT23-6 AVAILABLE
Copyright © 2002-2008, Texas Instruments Incorporated
Wideband, Fixed Gain
Video BUFFER AMPLIFIER With Disable
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q BROADBAND VIDEO LINE DRIVERS
q MULTIPLE LINE VIDEO DA
q PORTABLE INSTRUMENTS
q ADC BUFFERS
q ACTIVE FILTERS
OPA6
92
OPA6
92
OPA692 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage-Feedback
OPA690
OPA2690
OPA3690
Current-Feedback
OPA691
OPA2691
OPA3691
Fixed Gain
OPA682
OPA2682
OPA3692
Video
Out
75
Ω
75
Ω
RG-59
75
Ω
75
Ω
RG-59
75
Ω
75
Ω
RG-59
75
Ω
75
Ω
RG-59
75
Ω
1
2
3
4
8
7
6
5
DIS
OPA692
SO-8
G = +2
+5V
–5V
Video
In
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
225MHz, 4-Output Component Video DA
All trademarks are the property of their respective owners.


Similar Part No. - OPA682

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA682 TI1-OPA682 Datasheet
195Kb / 20P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA682 TI1-OPA682 Datasheet
217Kb / 22P
Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA682 TI1-OPA682 Datasheet
377Kb / 22P
Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
Wideband, Fixed Gain BUFFER AMPLIFIER
More results

Similar Description - OPA682

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com