Electronic Components Datasheet Search
  English  ▼

X  

OPA693 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA693
Description  Single 2:1 High-Speed Video Multiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA693 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA693 Datasheet HTML 8Page - Texas Instruments OPA693 Datasheet HTML 9Page - Texas Instruments OPA693 Datasheet HTML 10Page - Texas Instruments OPA693 Datasheet HTML 11Page - Texas Instruments OPA693 Datasheet HTML 12Page - Texas Instruments OPA693 Datasheet HTML 13Page - Texas Instruments OPA693 Datasheet HTML 14Page - Texas Instruments OPA693 Datasheet HTML 15Page - Texas Instruments OPA693 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
V
=V
+(R I )xG
5
(V ) x10
± |
|
OSO_envelope
OSO
S
b
S+
-
·
- PSRR+
20
PSRR-
20
± |
|
5
(V ) x10
S-
- -
-
NOISE PERFORMANCE
±
±
±
14mV+75
x
W
18 Ax2
m
|
|
5
6 x10
-
50
20
-
51
20
-
±
5
( 6) x10
|
|
-
-
-
= ±22.7mV
(5)
DISTORTION PERFORMANCE
+5V
-5V
Channel
Select
EN
OPA875
+1
+2
+1
e
n
i
b
R
S
eR
S
e
O
e =2
o
e +(i R ) +4kTR
n
b
S
S
2
2
(6)
OPA875
SBOS340C – DECEMBER 2006 – REVISED AUGUST 2008 ............................................................................................................................................ www.ti.com
Leaving both temperature and gain error parameters
output stage continues to hold them low even as the
aside, the output offset voltage envelope can be
fundamental power reaches very high levels. As the
described as shown in Equation 4:
Typical
Characteristics
show,
the
spurious
intermodulation powers do not increase as predicted
by a traditional intercept model. As the fundamental
power level increases, the dynamic range does not
decrease significantly. For two tones centered at
(4)
20MHz, with 4dBm/tone into a matched 50
Ω load
(that is, 1VPP for each tone at the load, which requires
With:
4VPP for the overall 2-tone envelope at the output
VOSO: Output offset voltage
pin), the Typical Characteristics show a 82dBc
RS: Input resistance seen by R0, R1, G0, G1, B0,
difference between the test-tone power and the
or B1.
3rd-order intermodulation spurious levels.
Ib: Input bias current
G: Gain
VS+: Positive supply voltage
The OPA875 offers an excellent balance between
voltage and current noise terms to achieve low output
VS–: Negative supply voltage
noise. As long as the AC source impedance looking
PSRR+: Positive supply PSRR
out of the noninverting node is less than 100
Ω, this
PSRR–: Negative supply PSRR
current noise will not contribute significantly to the
total output noise. The device input voltage noise and
Evaluating
the
front-page
schematic,
using
a
the input current noise terms combine to give low
worst-case, +25°C offset voltage, bias current and
output noise under a wide variety of operating
PSRR specifications and operating at ±6V, gives a
conditions.
Figure
30 shows
this
device
noise
worst-case output equal to Equation 5:
analysis model with all the noise terms included. In
this model, all noise terms are taken to be noise
voltage or current density terms in either nV/
√Hz or
pA/
√Hz.
The OPA875 provides good distortion performance
into a 100
Ω load on ±5V supplies. Relative to
alternative
solutions,
it
provides
exceptional
performance into lighter loads. Generally, until the
fundamental signal reaches very high frequency or
power
levels,
the
2nd-harmonic
dominates
the
distortion with a negligible 3rd-harmonic component.
Focusing then on the 2nd-harmonic, increasing the
load impedance improves distortion directly. Also,
providing an additional supply decoupling capacitor
(0.01
µF) between the supply pins (for bipolar
Figure 30. Noise Model
operation) improves the 2nd-order distortion slightly
(3dB to 6dB).
The total output spot noise voltage can be computed
In most op amps, increasing the output voltage swing
as the square root of the sum of all squared output
increases harmonic distortion directly. The Typical
noise voltage contributors. Equation 6 shows the
Characteristics show the 2nd-harmonic increasing at
general form for the output noise voltage using the
a little less than the expected 2X rate while the
terms shown in Figure 30.
3rd-harmonic increases at a little less than the
expected 3X rate. Where the test power doubles, the
2nd-harmonic
increases
only
by
less
than
the
expected 6dB, whereas the 3rd-harmonic increases
by less than the expected 12dB. This also shows up
in the two-tone, 3rd-order intermodulation spurious
(IM3) response curves. The 3rd-order spurious levels
are extremely low at low output power levels. The
12
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com