Electronic Components Datasheet Search
  English  ▼

X  

MMBD101 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # MMBD101
Description  Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

MMBD101 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  MMBD101 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. MMBD101 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBD101
Surface Mount Schottky
Barrier Diode
Low Turn-on Voltage
ForUHFmixerapplication
Also suitablefor use in detector and ultra-fast
switching circuitsLow NoiseFigure- 6.0dBTyp@1.0GHz
Very Low Capacitance-LessThan1.0pF@0V
(
HighForwardConductance-0.5V Typ) @ IF= 10mA
Dim
Min
Max
A
2.800 3.040
B
1.200 1.400
C
0.890 1.110
D
0.370 0.500
G
1.780 2.040
H
0.013 0.100
J
0.085 0.177
K
0.450 0.600
L
0.890 1.020
S
2.100 2.500
V
0.450 0.600
All Dimension in mm
SOT-23
Case: SOT-23, Molded Plastic
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: See Diagrams Below
Weight: 0.008 grams (approx.)
Mounting Position: Any
K
J
C
H
L
A
B S
G
V
3
1
2
D
To p View
1
2
3
3
CATHODE
1
ANODE
MAXIMUM RATINGS
MMBD101
Rating
Symbol
Value
Unit
Reverse Voltage
V
R
7.0
Volts
Forward Power Dissipation
o
@ TA = 25 C
o
Derate above 25 C
P
F
225
1.8
mW
o
mW/ C
Junction Temperature
TJ
+150
Storage Temperature Range
Tstg
-55 to +150
DEVICE MARKING
MMBD101 = 4M
ELECTRICAL CHARACTERISTICS
o
(T = 25 Cunless otherwise noted)
A
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 Adc)
V
(BR)R
7.0
10
Volts
Diode Capacitance
(VR = 0, f = 1.0 MHz )
C
T
0.88
1.0
pF
Forward Voltage
(I = 10 mAdc)
F
V
F
0.5
0.6
Volts
Reverse Leakage
(V = 3.0 Vdc)
R
I
R
0.02
0.25
o
C
o
C
Features
Mechanical Data
Adc


Similar Part No. - MMBD101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD101 ONSEMI-MMBD101 Datasheet
82Kb / 4P
SILICON SCHOTTKY BARRIER DIODES
1997
logo
Leshan Radio Company
MMBD101 LRC-MMBD101 Datasheet
52Kb / 2P
Schottky Barrier Diodes
logo
Pan Jit International I...
MMBD101 PANJIT-MMBD101 Datasheet
85Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101 PANJIT-MMBD101 Datasheet
84Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
MMBD101 KEXIN-MMBD101 Datasheet
37Kb / 1P
Schottky Barrier Diodes
More results

Similar Description - MMBD101

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com