Electronic Components Datasheet Search
  English  ▼

X  

MMBD101 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # MMBD101
Description  Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

MMBD101 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  MMBD101 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. MMBD101 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES MMBD101
Figure 1. Reverse Leakage
TA, Ambient Tem perature (
Figure 2. Forward Voltage
V F, Forward Voltage (V)
Figure 3. Capacitance
V R, Reverse Voltage (V)
Figure 4. Noise Figure
P , Local Oscillator Power (mW)
LO
0.1
0.2
0.5
2.0
1.0
10
11
3.0
0
1.0
2.0
3.0
4.0
1.0
0.9
0.8
0.7
0.6
0.3
0.4
100
0.1
30
40
50
60
70
80
100
0.1
130
110 120
90
0.07
0.05
0.02
1.0
2.0
0.5
0.6
0.7
0.01
1.0
0.7
0.5
10
1.0
0.2
VR = 3.0 Vdc
5.0
4.0
7.0
6.0
9.0
8.0
10
Local Oscillator Frequency = 1.0 GHz
5.0
TA = 25
TA = 0
TA = 85
O
C)
o
C
o
C
o
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com