Electronic Components Datasheet Search
  English  ▼

X  

PCM1802 Datasheet(PDF) 20 Page - Texas Instruments

Part # PCM1802
Description  PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1802 Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM1802 Datasheet HTML 16Page - Texas Instruments PCM1802 Datasheet HTML 17Page - Texas Instruments PCM1802 Datasheet HTML 18Page - Texas Instruments PCM1802 Datasheet HTML 19Page - Texas Instruments PCM1802 Datasheet HTML 20Page - Texas Instruments PCM1802 Datasheet HTML 21Page - Texas Instruments PCM1802 Datasheet HTML 22Page - Texas Instruments PCM1802 Datasheet HTML 23Page - Texas Instruments PCM1802 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
BCK
FSYNC
LRCK
DOUT
t(CKFS)
t(BCKH)
t(BCKL)
t(CKLR)
t(LRCP)
t(BCKP)
t(CKDO)
t(LRDO)
0.5 VDD
0.5 VDD
0.5 VDD
0.5 VDD
t(FSYP)
T0018-01
20
PCM1802
SLES023D – DECEMBER 2001 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: PCM1802
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Timing measurement reference level is (VIH + VIL) / 2. Rise and fall times are measured from 10% to 90% of IN to
OUT signal swing. Load capacitance of all signals is 20 pF.
Figure 26. Audio Data Interface Timing (Master Mode: FSYNC, LRCK, and BCK Work as Outputs)
Table 8. Audio Data Interface Timing: Master Mode
PARAMETER
MIN
TYP
MAX
UNIT
t(BCKP)
BCK period
150 1 / (64 fS)
1200
ns
t(BCKH)
BCK pulse duration, high
75
600
ns
t(BCKL)
BCK pulse duration, low
75
600
ns
t(CKLR)
Delay time, BCK falling edge to LRCK valid
–10
20
ns
t(LRCP)
LRCK period
10
1 / fS
80
µs
t(CKFS)
Delay time, BCK falling edge to FSYNC valid
–10
20
ns
t(FSYP)
FSYNC period
5
1 / (2 fS)
40
µs
t(CKDO)
Delay time, BCK falling edge to DOUT valid
–10
20
ns
t(LRDO)
Delay time, LRCK edge to DOUT valid
–10
20
ns
tr
Rise time of all signals
10
ns
tf
Fall time of all signals
10
ns
7.4.2.3 Synchronization With Digital Audio System
In slave mode, the PCM1802 operates under LRCK, synchronized with system clock SCKI. The PCM1802 does
not require a specific phase relationship between LRCK and SCKI, but does require the synchronization of LRCK
and SCKI.
If the relationship between LRCK and SCKI changes more than ±6 BCKs for 64 fS BCK (±5 BCKs for 48 fS BCK)
during one sample period due to LRCK or SCKI jitter, internal operation of the ADC halts within 1 / fS and digital
output is forced into BPZ code until resynchronization between LRCK and SCKI is completed.
In the case of changes less than ±5 BCKs for 64 BCK per frame (±4 BCKs for 48 BCK per frame),
resynchronization does not occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com