Electronic Components Datasheet Search
  English  ▼

X  

PCM1802 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1802
Description  PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1802 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1802 Datasheet HTML 1Page - Texas Instruments PCM1802 Datasheet HTML 2Page - Texas Instruments PCM1802 Datasheet HTML 3Page - Texas Instruments PCM1802 Datasheet HTML 4Page - Texas Instruments PCM1802 Datasheet HTML 5Page - Texas Instruments PCM1802 Datasheet HTML 6Page - Texas Instruments PCM1802 Datasheet HTML 7Page - Texas Instruments PCM1802 Datasheet HTML 8Page - Texas Instruments PCM1802 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
PCM1802
www.ti.com
SLES023D – DECEMBER 2001 – REVISED DECEMBER 2016
Product Folder Links: PCM1802
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
PCM1802
UNIT
DB (SSOP)
20 PINS
RθJA
Junction-to-ambient thermal resistance
80.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
40
°C/W
RθJB
Junction-to-board thermal resistance
37.6
°C/W
ψJT
Junction-to-top characterization parameter
7.2
°C/W
ψJB
Junction-to-board characterization parameter
37
°C/W
(1)
Maximum system clock frequency is not applicable at 768 fS, fS = 96 kHz (see System Clock).
(2)
Applies to FSYNC, LRCK, BCK (Schmitt-trigger input in slave mode) pins.
(3)
Applies to PDWN, BYPAS, SCKI, OSR, FMT0, FMT1, MODE0, MODE1 (Schmitt-trigger input, 5-V tolerant) pins.
(4)
Applies to FSYNC, LRCK, BCK (Schmitt-trigger input in slave mode), SCKI (Schmitt-trigger input) pins.
(5)
Applies to PDWN, BYPAS, OSR, FMT0, FMT1, MODE0, MODE1 (Schmitt-trigger input, with 50-kΩ typical pulldown resistor) pins.
(6)
Applies to FSYNC, LRCK, BCK (in master mode), DOUT pins.
(7)
High-pass filter
6.5 Electrical Characteristics
TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 44.1 kHz, system clock = 384 fS, oversampling ratio = ×128, 24-bit data
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
24
Bits
DATA FORMAT
Audio data interface format
Left-justified, I2S, or
right
‑justified
Audio data bit length
20 or 24
Bits
Audio data format
MSB first or 2s complement
fS
Sampling frequency
16
44.1
96
kHz
System clock frequency
256 fS
4.096
11.2896
24.576
MHz
384 fS
6.144
16.9344
36.864
512 fS
8.192
22.5792
49.152
768 fS
(1)
12.288
33.8688
INPUT LOGIC
VIH
Input logic level(2)
2
VDD
VDC
VIL
0
0.8
VIH
Input logic level(3)
2
5.5
VIL
0
0.8
IIH
Input logic current(4)
VIN = VDD
±10
µA
IIL
VIN = 0 V
±10
IIH
Input logic current(5)
VIN = VDD
65
100
IIL
VIN = 0 V
±10
OUTPUT LOGIC
VOH
Output logic level(6)
IOUT = –1 mA
2.8
VDC
VOL
IOUT = 1 mA
0.5
DC ACCURACY
Gain mismatch,
channel-to-channel
±1%
±4%
FSR
Gain error
±2%
±6%
FSR
Bipolar zero error
HPF bypassed(7)
±2%
FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com