Electronic Components Datasheet Search
  English  ▼

X  

PCM1802DBR Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1802DBR
Description  PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1802DBR Datasheet(HTML) 3 Page - Texas Instruments

  PCM1802DBR Datasheet HTML 1Page - Texas Instruments PCM1802DBR Datasheet HTML 2Page - Texas Instruments PCM1802DBR Datasheet HTML 3Page - Texas Instruments PCM1802DBR Datasheet HTML 4Page - Texas Instruments PCM1802DBR Datasheet HTML 5Page - Texas Instruments PCM1802DBR Datasheet HTML 6Page - Texas Instruments PCM1802DBR Datasheet HTML 7Page - Texas Instruments PCM1802DBR Datasheet HTML 8Page - Texas Instruments PCM1802DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
VINL
20
MODE1
2
VINR
19
MODE0
3
VREF1
18
FMT1
4
VREF2
17
FMT0
5
VCC
16
OSR
6
AGND
15
SCKI
7
PDWN
14
VDD
8
BYPAS
13
DGND
9
FSYNC
12
DOUT
10
LRCK
11
BCK
Not to scale
3
PCM1802
www.ti.com
SLES023D – DECEMBER 2001 – REVISED DECEMBER 2016
Product Folder Links: PCM1802
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Schmitt-Trigger input
(2)
Schmitt-Trigger input with internal pulldown (50 kΩ typically), 5-V tolerant
(3)
Schmitt-Trigger input, 5-V tolerant
5 Pin Configuration and Functions
DB Package
20-Pin SSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
6
—
Analog GND
BCK
11
I/O
Bit clock input and output(1)
BYPAS
8
I
HPF bypass control. Low: normal mode (DC cut); High: bypass mode (through)(2)
DGND
13
—
Digital GND
DOUT
12
O
Audio data output
FMT0
17
I
Audio data format select 0 (see Data Format)(2)
FMT1
18
I
Audio data format select 1 (see Data Format)(2)
FSYNC
9
I/O
Frame synchronous clock input and output(1)
LRCK
10
I/O
Sampling clock input and output(1)
MODE0
19
I
Mode select 0 (see Interface Mode)(2)
MODE1
20
I
Mode select 1 (see Interface Mode)(2)
OSR
16
I
Oversampling ratio select. Low: ×64 fS; High: ×128 fS
(2)
PDWN
7
I
Power-down control, active-low(2)
SCKI
15
I
System clock input; 256 fS, 384 fS, 512 fS, or 768 fS
(3)
VCC
5
—
Analog power supply, 5 V
VDD
14
—
Digital power supply, 3.3 V
VINL
1
I
Analog input, L-channel
VINR
2
I
Analog input, R-channel
VREF1
3
—
Reference-1 decoupling capacitor
VREF2
4
—
Reference-2 voltage input, normally connected to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com