| Electronic Components Datasheet Search |
|
PCM1802DBR Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM1802DBR Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 35 page ![]() Single-End /Differential Converter BCK VINL Reference Single-End /Differential Converter VREF1 VREF2 VINR 5th Order Delta-Sigma Modulator 5th Order Delta-Sigma Modulator ×1/64 (×1/128) Decimation Filter with High-Pass Filter Power Supply AGND VCC VDD DGND Clock and Timing Control Serial Interface Mode/ Format Control LRCK FSYNC DOUT FMT0 FMT1 MODE0 MODE1 BYPAS OSR PDWN SCKI B0004-07 Copyright © 2016, Texas Instruments Incorporated 12 PCM1802 SLES023D – DECEMBER 2001 – REVISED DECEMBER 2016 www.ti.com Product Folder Links: PCM1802 Submit Documentation Feedback Copyright © 2001–2016, Texas Instruments Incorporated 7 Detailed Description 7.1 Overview The PCM1802 device consists of a reference circuit, two channels of single-ended-to-differential converter, a fifth-order delta-sigma modulator with full differential architecture, a decimation filter with high-pass filter, and a serial interface circuit. Figure 19 illustrates the total architecture of the PCM1802, Figure 20 illustrates the architecture of single-ended-to-differential converter and antialiasing filter, and Figure 21 is the block diagram of the fifth-order delta-sigma modulator and transfer function. An on-chip high-precision reference with one external capacitor provides all reference voltages that are required by the PCM1802 device and defines the full-scale voltage range for both channels. On-chip single-ended-to-differential signal converters save the design, space, and extra parts cost for external signal converters. Full-differential architecture provides a wide dynamic range and excellent power-supply rejection performance. The input signal is sampled at a ×64 or ×128 oversampling rate, thus eliminating an external sample-hold amplifier. A fifth-order delta-sigma noise shaper, which consists of five integrators using the switched capacitor technique and a comparator, shapes the quantization noise generated by the comparator and 1-bit DAC outside of the audio signal band. The high-order delta-sigma modulation randomizes the modulator outputs and reduces the idle tone level. The 64-fS or 128-fS, 1-bit stream from the delta-sigma modulator is converted to a 1-fS, 24-bit or 20-bit digital signal by removing high-frequency noise components with a decimation filter. The DC component of the signal is removed by the HPF, and the HPF output is converted to a time-multiplexed serial signal through the serial interface, which provides flexible serial formats. 7.2 Functional Block Diagrams Figure 19. Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |