Electronic Components Datasheet Search
  English  ▼

X  

PCM2903C Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM2903C
Description  PCM2903C Stereo Audio Codec With USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2903C Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM2903C Datasheet HTML 12Page - Texas Instruments PCM2903C Datasheet HTML 13Page - Texas Instruments PCM2903C Datasheet HTML 14Page - Texas Instruments PCM2903C Datasheet HTML 15Page - Texas Instruments PCM2903C Datasheet HTML 16Page - Texas Instruments PCM2903C Datasheet HTML 17Page - Texas Instruments PCM2903C Datasheet HTML 18Page - Texas Instruments PCM2903C Datasheet HTML 19Page - Texas Instruments PCM2903C Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
V R
IN
13
14
V
COM
4.7 F
m
30 kW
+
+
–
–
Delta-Sigma
Modulator
(+)
(–)
Reference
(V
/2)
CCC
10 F
m
+
SSPND
S/PDIF Decoder
DIN
Lock
ADC
V L
IN
V R
IN
V
COM
FIFO
Selector
Analog
PLL
Analog
PLL
FIFO
DAC
V
L
OUT
V
R
OUT
S/PDIF Encoder
DOUT
XTI
XTO
12 MHz
PLL ( 8)
×
96 MHz
Tracker
(SpAct)
USB
Protocol
Controller
Power
Manager
ISO-In
End-Point
Control
End-Point
ISO-Out
End-Point
HID
End-Point
D+
D-
SEL0
SEL1
HID0
HID1
HID2
V
BUS
V
CCC
V
CCP1
V
CCP2
V
CCX
V
DD
DGNDU
DGND
AGNDX
AGNDP
AGNDC
PCM2903C
SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015
www.ti.com
9 Detailed Description
9.1 Overview
The PCM2903C is an audio codec with USB connection capability and a digital S/PDIF digital interface. The
PCM2903C is a self-powered device; it needs an external 3.3V voltage source. The PCM2903C meet the
requirements of USB1.1 standard connection. This device has analog and digital inputs and outputs; it has a
digital S/PDIF interface for input and output data. The PCM2903C has 3 external interrupts (HID) which control
the Mute, Volume Up and Volume Down, these control inputs are active High. The PCM2903C requires a 12MHz
clock; it can be provided by an external clock or generated by a built-in crystal resonator.
9.2 Functional Block Diagram
Figure 34. Block Diagram of Analog Front-End (Right Channel)
16
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM2903C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com