Electronic Components Datasheet Search
  English  ▼

X  

PCM2903C Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM2903C
Description  PCM2903C Stereo Audio Codec With USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2903C Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM2903C Datasheet HTML 17Page - Texas Instruments PCM2903C Datasheet HTML 18Page - Texas Instruments PCM2903C Datasheet HTML 19Page - Texas Instruments PCM2903C Datasheet HTML 20Page - Texas Instruments PCM2903C Datasheet HTML 21Page - Texas Instruments PCM2903C Datasheet HTML 22Page - Texas Instruments PCM2903C Datasheet HTML 23Page - Texas Instruments PCM2903C Datasheet HTML 24Page - Texas Instruments PCM2903C Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
D+/D–
SEL1 (Pin 9)
2.5 V (Typ)
0 V
Internal Reset
Ready for Setup
Attach
(Connect to USB Bus)
SOF
Ready for Playback
Bus Reset
Set Configuration
SOF
SOF
BPZ
Bus Idle
3.3 V (Typ)
SSPND
700
s
m
Device Setup
1 ms
5 V = V
(Typ)
BUS
V
(Pin 27)
DD
V
L
V
R
OUT
OUT
First Audio Data
Second Audio Data
PCM2903C
www.ti.com
SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015
9.5.2.4 Interface Number 3
Interface number 3 is the interrupt data-in interface. Alternative setting number 0 is the only possible setting for
interface number 3. Interface number 3 consists of the HID consumer control device and reports the status of
these three key parameters:
•
Mute (0xE209)
•
Volume up (0xE909)
•
Volume down (0xEA09)
9.5.3 Interface Sequence
9.5.3.1 Power On, Attach, and Playback Sequence
The PCM2903C is ready for setup when the reset sequence has finished and the USB bus is attached. In order
to perform certain reset sequences defined in the USB specification, VDD, VCCC, VCCP1, VCCP2, and VCCX must rise
up within 10 ms / 3.3 V. After connection has been established by setup, the PCM2903C is ready to accept USB
audio data. While waiting, the audio data (idle state) and analog output are set to bipolar zero (BPZ).
When receiving the audio data, the PCM2903C stores the first audio packet, which contained 1-ms audio data,
into the internal storage buffer. The PCM2903C starts playing the audio data when detecting the next start of
frame (SOF) packet, as illustrated in Figure 36 and Figure 37.
Figure 36. Attach After Poweron
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: PCM2903C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com