Electronic Components Datasheet Search
  English  ▼

X  

PCM56U Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM56U
Description  Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM56U Datasheet(HTML) 2 Page - Texas Instruments

  PCM56U Datasheet HTML 1Page - Texas Instruments PCM56U Datasheet HTML 2Page - Texas Instruments PCM56U Datasheet HTML 3Page - Texas Instruments PCM56U Datasheet HTML 4Page - Texas Instruments PCM56U Datasheet HTML 5Page - Texas Instruments PCM56U Datasheet HTML 6Page - Texas Instruments PCM56U Datasheet HTML 7Page - Texas Instruments PCM56U Datasheet HTML 8Page - Texas Instruments PCM56U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
®
PCM56
DIGITAL INPUT
Resolution
16
Bits
Digital Inputs(1): VIH
+2.4
+VL
V
VIL
0
+0.8
V
IIH, VIN = +2.7V
+1.0
µA
IIL, VIN = +0.4V
–50
µA
Input Clock Frequency
10.0
MHz
TRANSFER CHARACTERISTICS
ACCURACY
Gain Error
±2.0
%
Bipolar Zero Error
±30
mV
Differential Linearity Error
±0.001
% of FSR(2)
Noise (rms, 20Hz to 20kHz) at Bipolar Zero (VOUT models)
6
µV
TOTAL HARMONIC DISTORTION
VO = ±FS at f = 991Hz: PCM56P-K
–94
–92
dB
PCM56P-J
–94
–88
dB
PCM56P, PCM56U
–94
–82
dB
PCM56P-L
–94
–80
dB
VO = –20dB at f = 991Hz: PCM56P-K
–75
–74
dB
PCM56P-J
–75
–68
dB
PCM56P, PCM56U
–75
–68
dB
PCM56P-L
–75
–60
dB
VO = –60dB at f = 991Hz: PCM56P-K
–35
–34
dB
PCM56P-J
–35
–28
dB
PCM56P, PCM56U
–35
–28
dB
PCM56P-L
–35
–20
dB
MONOTONICITY
15
Bits
DRIFT (0
°C to +70°C)
Total Drift(3)
±25
ppm of FSR/
°C
Bipolar Zero Drift
±4
ppm of FSR/
°C
SETTLING TIME (to
±0.006% of FSR)
Voltage Output: 6V Step
1.5
µs
1LSB
1.0
µs
Slew Rate
10
V/
µs
Current Output, 1mA Step: 10
Ω to 100Ω Load
350
ns
1k
Ω Load(4)
350
ns
WARM-UP TIME
1Min
OUTPUT
Voltage Output Configuration: Bipolar Range
±3.0
V
Output Current
±2.0
mA
Output Impedance
0.10
Ω
Short Circuit Duration
Current Output Configuration:
Bipolar Range (
±30%)
±1.0
mA
Output Impedance (
±30%)
1.2
k
Ω
POWER SUPPLY REQUIREMENTS(5)
Voltage: +VS and +VL
+4.75
+5.00
+13.2
V
–VS and –VL
–4.75
–5.00
–13.2
V
Supply Drain (No Load): +V (+VS and +VL = +5V)
+10.00
+17.0
mA
–V (–VS and –VL = –5V)
–25.0
–35.0
mA
+V (+VS and +VL = +12V)
+12.0
mA
–V (–VS and –VL = –12V)
–27.0
mA
Power Dissipation: VS and VL = ±5V
175
260
mW
VS and VL = ±12V
468
mW
TEMPERATURE RANGE
Specification
0
+70
°C
Operation
–25
+70
°C
Storage
–60
+100
°C
NOTES: (1) Logic input levels are TTL/CMOS-compatible. (2) FSR means full-scale range and is equivalent to 6V (
±3V) for PCM56 in the V
OUT mode. (3) This is the
combined drift error due to gain, offset, and linearity over temperature. (4) Measured with an active clamp to provide a low impedance for approximately 200ns. (5) All
specifications assume +VS connected to +VL and –VS connected to –VL. If supplies are connected separately, –VL must not be more negative than –VS supply voltage
to assure proper operation. No similar restriction applies to the value of +VL with respect to +VS.
PCM56U, PCM56P-J, -K
PARAMETER
MIN
TYP
MAX
UNITS
SPECIFICATIONS
ELECTRICAL
Typical at +25
°C, and nominal power supply voltages ±5V, unless otherwise noted.
Indefinite to Common



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com