Electronic Components Datasheet Search
  English  ▼

X  

PCM56U Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM56U
Description  Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM56U Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM56U Datasheet HTML 3Page - Texas Instruments PCM56U Datasheet HTML 4Page - Texas Instruments PCM56U Datasheet HTML 5Page - Texas Instruments PCM56U Datasheet HTML 6Page - Texas Instruments PCM56U Datasheet HTML 7Page - Texas Instruments PCM56U Datasheet HTML 8Page - Texas Instruments PCM56U Datasheet HTML 9Page - Texas Instruments PCM56U Datasheet HTML 10Page - Texas Instruments PCM56U Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
®
PCM56
FIGURE 7. Input Timing Diagram.
FIGURE 8. Input Timing Relationships.
source and drain of the FET switch operate at a virtual
ground when “C” and “B” are connected in the sample
mode, there is no increase in distortion caused by the
modulation effect of RON by the audio signal.
Figure 10 shows the deglitcher controls for both left and
right channels which are produced by timing control logic.
A delay of 1.5
µs (t
ω) is provided to allow the output of the
PCM56 to settle within a small error band around its final
value before connecting it to the channel output. Due to the
fast settling time of the PCM56 it is possible to minimize the
delay between the left- and right-channel outputs when
using a single D/A converter for both channels. This is
important because the right- and left-channel data are recorded
in-phase and the use of the slower D/A converter would
result in significant phase error at higher frequencies.
The obvious solution to the phase shift problem in a two-
channel system would be to use two D/A converters (one per
channel) and time the outputs to change simultaneously.
Figure 11 shows a block diagram of the final test circuitry
used for PCM56. It should be noted that no deglitching
circuitry is required on the DAC output to meet specified
THD performance. This means that when one PCM56 is
used per channel, the need for all the sample/hold and
controls circuitry associated with a single DAC (two-channel)
design is effectively eliminated. The PCM56 is tested to
meet its THD specifications without the need for output
deglitching.
A low-pass filter is required after the PCM56 to remove all
unwanted frequency components caused by the sampling
frequency as well as those resulting from the discrete nature
of the D/A output. This filter must have a flat frequency
response over the entire audio band (0-20kHz) and a very
high attenuation above 20kHz.
Most previous digital audio circuits used a higher order (9-
13 pole) analog filter. However, the phase response of an
analog filter with these amplitude characteristics is nonlinear
and can disturb the pulse-shaped characteristic transients
contained in music.
of RF radiation or pickup is loop area; therefore, signal leads
and their return conductors should be kept close together.
This reduces the external magnetic field along with any
radiation. Also, if a signal lead and its return conductor are
wired close together, they represent a small flux-capture
cross section for any external field. This reduces radiation
pickup in the circuit.
APPLICATIONS
Figures 9 and 10 show a circuit and timing diagram for a
single PCM56 used to obtain both left- and right-channel
output in a typical digital audio system. The audio output of
the PCM56 is alternately time-shared between the left and
right channels. The design is greatly simplified because the
PCM56 is a complete D/A converter requiring no external
reference or output op amp.
A sample/hold (S/H) amplifier, or “deglitcher” is required at
the output of the D/A for both the left and right channel, as
shown in Figure 9. The S/H amplifier for the left channel is
composed of A1, SW1, and associated circuitry. A1 is used
as an integrator to hold the analog voltage in C1. Since the
Data
Latch
Enable
2
(2)
Clock
(3)
MSB
LSB
MSB
(4)
(1)
NOTES: (1) If clock is stopped between input of 16-bit data words, latch enable (LE) must remain low until after the first clock of the next 16-bit data
word stream. (2) Data format is binary two's complement (BTC). Individual data bits are clocked in on the corresponding positive clock edge. (3) Latch
enable (LE) must remain low at least one clock cycle after going negative. (4) Latch enable (LE) must be high for at least one clock cycle before going
negative.
1
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
MSB
Data
Input
> 40ns
> One Clock Cycle
Latch
Enable
> One Clock Cycle
Clock
Input
> 40ns
> 5ns
> 100ns
> 15ns
LSB
>15ns >15ns
> 40ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com