Electronic Components Datasheet Search
  English  ▼

X  

PTH04000WAST Datasheet(PDF) 2 Page - Texas Instruments

Part # PTH04000WAST
Description  3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK™ SEQUENCING
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04000WAST Datasheet(HTML) 2 Page - Texas Instruments

  PTH04000WAST Datasheet HTML 1Page - Texas Instruments PTH04000WAST Datasheet HTML 2Page - Texas Instruments PTH04000WAST Datasheet HTML 3Page - Texas Instruments PTH04000WAST Datasheet HTML 4Page - Texas Instruments PTH04000WAST Datasheet HTML 5Page - Texas Instruments PTH04000WAST Datasheet HTML 6Page - Texas Instruments PTH04000WAST Datasheet HTML 7Page - Texas Instruments PTH04000WAST Datasheet HTML 8Page - Texas Instruments PTH04000WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PACKAGE SPECIFICATIONS
PTH04000W
SLTS247B – JUNE 2005 – REVISED OCTOBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
over operating free-air temperature range unless otherwise noted
(1)
PTH04000W
UNIT
TA
Operating free-air temperature
Over VI range
-40 to 85
°C
Lead temperature (H suffix)
5 seconds
260
Solder reflow temperature (S suffix)
Surface temperature of module body or pins
235
°C
Solder reflow temperature (Z suffix)(2)
Surface temperature of module body or pins
260(2)
Tstg
Storage temperature
-55 to 125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Moisture Sensitivity Level (MSL) Rating Level-3-260C-168HR
MIN
MAX
UNIT
VI
Input voltage
3
5.5
V
TA
Operating free-air temperature
-40
85
°C
PTH04000Wx (Suffix AH, AS and AZ)
Weight
1.5 grams
Flammability
Meets UL 94 V-O
Mechanical shock
Per Mil-STD-883D, Method 2002.3, 1 msec, sine, mounted
500 G (1)
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20-2000 Hz
20 G (1)
(1)
Qualification limit.
2
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): PTH04000W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com