Electronic Components Datasheet Search
  English  ▼

X  

PTH04000WAST Datasheet(PDF) 13 Page - Texas Instruments

Part # PTH04000WAST
Description  3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK™ SEQUENCING
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04000WAST Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH04000WAST Datasheet HTML 9Page - Texas Instruments PTH04000WAST Datasheet HTML 10Page - Texas Instruments PTH04000WAST Datasheet HTML 11Page - Texas Instruments PTH04000WAST Datasheet HTML 12Page - Texas Instruments PTH04000WAST Datasheet HTML 13Page - Texas Instruments PTH04000WAST Datasheet HTML 14Page - Texas Instruments PTH04000WAST Datasheet HTML 15Page - Texas Instruments PTH04000WAST Datasheet HTML 16Page - Texas Instruments PTH04000WAST Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.ti.com
L
O
A
D
PTH04000W
R
6.65k
0.05W,1%
SET
Ù
V =5V
I
V
=1.8V
O
GND
Track
Inhibit
Inhibit
GND
GND
V Adj
O
VO
VI
3
2
5
6
1
4
C1
47 F
(Required)
µ
C
47 F
(Optional)
O
µ
Q1
BSS138
t-Time=10ms/div
V (1V/div)
O
I (500mA/div)
I
V
(10V/div)
(INH)
PTH04000W
SLTS247B – JUNE 2005 – REVISED OCTOBER 2007
Figure 12. On/Off Inhibit Control Circuit
Figure 13. Power Up Response From Inhibit Control
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PTH04000W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com