Electronic Components Datasheet Search
  English  ▼

X  

375 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 375
Description  Magnetic contact switch (door sensor)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

375 Datasheet(HTML) 1 Page - Adafruit Industries

  375 Datasheet HTML 1Page - Adafruit Industries 375 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
Magnetic contact switch (door sensor)
PRODUCT ID: 375
 
 
Description
This sensor is essentially a reed switch, encased in an ABS plastic shell. Normally the reed is 'open' (no
connection between the two wires). The other half is a magnet. When the magnet is less than 13mm (0.5")
away, the reed switch closes. They're often used to detect when a door or drawer is open, which is why they
have mounting tabs and screws. You can also pick up some double-sided foam tape from a hardware store
to mount these, that works well without needing screws.


Similar Part No. - 375

ManufacturerPart #DatasheetDescription
logo
3M Electronics
375 3M-375 Datasheet
14Kb / 2P
Superior Performance Box Sealing Tape
Jan-2011
logo
Fluke Corporation
375 FLUKE-375 Datasheet
97Kb / 2P
Work horse clamp with increased performance and flexibility
logo
Heyco.
375 HEYCO-375 Datasheet
318Kb / 2P
Heavy Duty Male Blades for Range and Dryer
logo
Littelfuse
375 LITTELFUSE-375 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Keystone Electronics Co...
375 KEYSTONE-375 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
Safety-Door Switch
logo
Omron Electronics LLC
D2D OMRON-D2D Datasheet
937Kb / 8P
Door Interlock Switch
D40B OMRON-D40B Datasheet
706Kb / 10P
Compact Non-contact Door Switch
logo
Asahi Kasei Microsystem...
AK09970N AKM-AK09970N Datasheet
530Kb / 45P
3D Magnetic Sensor with Programmable Switch
logo
List of Unclassifed Man...
ODC-59 ETC-ODC-59 Datasheet
436Kb / 1P
OVERHEAD DOOR CONTACT
REV D
logo
SparkFun Electronics
COM-13247 SPARKFUN-COM-13247 Datasheet
69Kb / 1P
Magnetic Door Switch Set COM-13247
5-15-17
logo
LETEX TECHNOLOGY CORP.
LC-11 LETEX-LC-11 Datasheet
23Kb / 2P
Magnetic Contact
LC-13BW LETEX-LC-13BW Datasheet
39Kb / 2P
Magnetic Contact
LC-15AW LETEX-LC-15AW Datasheet
34Kb / 2P
Magnetic Contact
LC-89 LETEX-LC-89 Datasheet
306Kb / 4P
Magnetic Contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com