Electronic Components Datasheet Search
  English  ▼

X  

375 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 375
Description  Magnetic contact switch (door sensor)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

375 Datasheet(HTML) 2 Page - Adafruit Industries

  375 Datasheet HTML 1Page - Adafruit Industries 375 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Details
o
Normally open reed switch
o
ABS enclosure
o
Rated current: 100 mA max
o
Rated voltage: 200 VDC max
o
Distance: 15mm max
Dimensions:
o
Box size (each side): 29mm x 14mm x 9mm / 1.1" x 0.6" x 0.4"
o
Cable Length: 305mm ± 12mm / 12" ± 0.5"
o
Weight (per side): 5.4g
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com