Electronic Components Datasheet Search
  English  ▼

X  

642 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 642
Description  High Temp Waterproof DS18B20 Digital temperature sensor extras
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

642 Datasheet(HTML) 1 Page - Adafruit Industries

  642 Datasheet HTML 1Page - Adafruit Industries 642 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Temp Waterproof DS18B20 Digital
temperature sensor + extras
PRODUCT ID: 642
Description
This is a pre-wired and waterproofed version of the DS18B20 sensor made with a PTFE wire cable. Handy
for when you need to measure something far away, or in wet conditions. This sensor is a little more
expensive than the other waterproof version we have with a PVC cable because this one can be used up to
125°C - the limit of the sensor itself.
Because the sensor signal is digital, you don't get any signal degradation even over long distances! These 1-
wire digital temperature sensors are fairly precise (±0.5°C over much of the range) and can give up to 12
bits of precision from the onboard digital-to-analog converter. They work great with any microcontroller
using a single digital pin, and you can even connect multiple ones to the same pin, each one has a unique
64-bit ID burned in at the factory to differentiate them. Usable with 3.0-5.0V systems.


Similar Part No. - 642

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
642 OSCILENT-642 Datasheet
125Kb / 2P
One-Port SAW
logo
WERMA Signaltechnik Gmb...
642 100 75 WERMA-642 100 75 Datasheet
507Kb / 7P
Protection rating IP65
642 100 77 WERMA-642 100 77 Datasheet
507Kb / 7P
Protection rating IP65
642 100 78 WERMA-642 100 78 Datasheet
507Kb / 7P
Protection rating IP65
642 200 75 WERMA-642 200 75 Datasheet
507Kb / 7P
Protection rating IP65
More results

Similar Description - 642

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT30TS75A ATMEL-AT30TS75A_14 Datasheet
1Mb / 37P
Digital Temperature Sensor
AT30TS74 ATMEL-AT30TS74_14 Datasheet
1Mb / 41P
Digital Temperature Sensor
logo
Seiko Instruments Inc
S5852A SII-S5852A Datasheet
805Kb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
TE Connectivity Ltd
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
Digital Temperature Sensor
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
Digital Temperature Sensor
logo
ams AG
AS6200C AMSCO-AS6200C Datasheet
1Mb / 35P
Digital Temperature Sensor
logo
TE Connectivity Ltd
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
DIGITAL TEMPERATURE SENSOR
logo
SparkFun Electronics
SEN-11050 SPARKFUN-SEN-11050 Datasheet
358Kb / 2P
Temperature Sensor - Waterproof (DS18B20)
9-9-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com