Electronic Components Datasheet Search
  English  ▼

X  

642 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 642
Description  High Temp Waterproof DS18B20 Digital temperature sensor extras
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

642 Datasheet(HTML) 2 Page - Adafruit Industries

  642 Datasheet HTML 1Page - Adafruit Industries 642 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The only downside is they use the Dallas 1-Wire protocol, which is somewhat complex, and requires a
bunch of code to parse out the communication. If you want something really simple, and you have an
analog input pin, the TMP36 is trivial to get going.
We toss in a 4.7k resistor, which is required as a pullup from the DATA to VCC line when using the
sensor. We don't have a detailed tutorial up yet but you can get started by using the Dallas Temperature
Control Arduino library which requires also the OneWire Library.
Technical Details
Cable specs:
o
Stainless steel #316 tube 6mm diameter by ~30mm long (size of stainless steel capsule may vary!)
o
Cable is approx 3 ft long / 90cm long
o
Contains DS18B20 temperature sensor
o
Three wires - Orange Stripe connects to 3-5V, White connects to ground and Blue Stripe is data.
DS18B20 Technical specs:
o
Usable temperature range: -55 to 125°C (-67°F to +257°F)
o
9 to 12 bit selectable resolution
o
Uses 1-Wire interface- requires only one digital pin for communication
o
Unique 64 bit ID burned into chip
o
Multiple sensors can share one pin
o
±0.5°C Accuracy from -10°C to +85°C
o
Temperature-limit alarm system
o
Query time is less than 750ms
o
Usable with 3.0V to 5.5V power/data
DS18B20 Datasheet
                                Engineered in NYC Adafruit ® https://www.adafruit.com/product/642 5‐5‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com