Electronic Components Datasheet Search
  English  ▼

X  

0830804 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830804
Description  WMTB-AL (D30) - Cable marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830804 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830804 Datasheet HTML 1Page - PHOENIX CONTACT 0830804 Datasheet HTML 2Page - PHOENIX CONTACT 0830804 Datasheet HTML 3Page - PHOENIX CONTACT 0830804 Datasheet HTML 4Page - PHOENIX CONTACT 0830804 Datasheet HTML 5Page - PHOENIX CONTACT 0830804 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, Aluminum label, aluminum color, unmarked, can be labeled with: BLUEMARK E.
CARD, BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, mounting type: Assembly
with cable ties, cable diameter: > 2.4 mm, diameter: 30 mm, Number of individual labels: 1, text
field height: 13 mm, text field width: 26 mm
Product description
Note:
Due to the current challenges of the global procurement market, Phoenix Contact has unfortunately been forced to accept an aluminum alloy
material quality that may cause the appearance to deviate from the homogenous surface quality that was previously expected. This has no impact
on the quality of the aluminum labels themselves or the durability of the printing. The effect is purely visual.
Your advantages
Aluminum cable marking for assembly with cable ties
•
High-quality appearance
•
Identification made from metal, high strength in a lightweight design
•
Increased durability due to the decoratively anodized surface
•
Suitable for large-surface marking of wires and cables, > 2.9 mm in diameter
•
Commercial data
Item number
0830804
Packing unit
90 pc
Minimum order quantity
90 pc
Sales key
BG18
Product key
BG231B
GTIN
4046356780780
Weight per piece (including packing)
1.554 g
Weight per piece (excluding packing)
1.487 g
Customs tariff number
76169990
Country of origin
DE
WMTB-AL (D30) - Cable marker
0830804
https://www.phoenixcontact.com/us/products/0830804
Aug 18, 2025, 7:04AM
Page 1 (6)


Similar Part No. - 0830804

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830800 PHOENIX-0830800 Datasheet
188Kb / 7P
EMP-AL (49X15) CUS - Aluminum label
0830801 PHOENIX-0830801 Datasheet
191Kb / 7P
EMP-AL (60X15) CUS - Aluminum label
0830802 PHOENIX-0830802 Datasheet
191Kb / 7P
EMP-AL (60X30) CUS - Aluminum label
0830803 PHOENIX-0830803 Datasheet
191Kb / 7P
EMP-AL (85,6X54) CUS - Aluminum label
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
More results

Similar Description - 0830804

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830509 PHOENIX-0830509 Datasheet
46Kb / 3P
Device marker - EMLP-AL (27X18)
0830511 PHOENIX-0830511 Datasheet
46Kb / 3P
Device marker - EMLP-AL (49X15)
0830512 PHOENIX-0830512 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X15)
0830513 PHOENIX-0830513 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X30)
0830514 PHOENIX-0830514 Datasheet
46Kb / 3P
Device marker - EMLP-AL (85,6X54)
0828376 PHOENIX-0828376 Datasheet
60Kb / 4P
Cable marker - UC-WMTB (44X15)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
0830524 PHOENIX-0830524 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (40X15)
09/11/2020
0830525 PHOENIX-0830525 Datasheet
56Kb / 3P
Cable marker - WMTB-AL (60X15)
09/11/2020
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com