Electronic Components Datasheet Search
  English  ▼

X  

0830804 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830804
Description  WMTB-AL (D30) - Cable marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830804 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830804 Datasheet HTML 1Page - PHOENIX CONTACT 0830804 Datasheet HTML 2Page - PHOENIX CONTACT 0830804 Datasheet HTML 3Page - PHOENIX CONTACT 0830804 Datasheet HTML 4Page - PHOENIX CONTACT 0830804 Datasheet HTML 5Page - PHOENIX CONTACT 0830804 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Conductor marking
Marking
Number of individual labels
1
Identification technology
UV LED technology
Dimensions
Depth
0.8 mm
Diameter
30.00 mm
External dimensions
Outside diameter
2.4 mm ... 136 mm
Text field
Text field width
26 mm
Text field height
13 mm
Material specifications
Color
aluminum color
Material
Aluminum
Components
free from silicone, halogen, and cadmium
Cable/line
External cable diameter
> 2.40 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
EN ISO 1518-1:2023 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2020-12 (following)
Result
Test passed
UV resistance
Specification
DIN EN ISO 4892-2:2021-11 (following)
WMTB-AL (D30) - Cable marker
0830804
https://www.phoenixcontact.com/us/products/0830804
Aug 18, 2025, 7:04AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com