Electronic Components Datasheet Search
  English  ▼

X  

SN74AVC1T45DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC1T45DBVT
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC1T45DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74AVC1T45DBVT Datasheet HTML 1Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 2Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 3Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 4Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 5Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 6Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 7Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 8Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
FEATURES
3
2
4
6
1
VCCA
VCCB
B
GND
A
DBV PACKAGE
(TOP VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
6
1
VCCA
VCCB
B
GND
A
3
2
4
6
1
VCCA
VCCB
B
GND
A
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
DIR
DIR
DIR
5
5
5
YZP PACKAGE
(BOTTOM VIEW)
C1
B1
A1
C2
B2
A2
B
DIR
VCCB
A
GND
VCCA
3
2
1
4
5
6
DESCRIPTION/ORDERING INFORMATION
SN74AVC1T45
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES530G – DECEMBER 2003 – REVISED JANUARY 2008
www.ti.com
2
• Available in the Texas Instruments NanoFree™
• Typical Max Data Rates
Package
–
500 Mbps (1.8-V to 3.3-V Translation)
• Fully Configurable Dual-Rail Design Allows
–
320 Mbps (<1.8-V to 3.3-V Translation)
Each Port to Operate Over the Full 1.2-V to
–
320 Mbps (Translate to 2.5 V or 1.8 V)
3.6-V Power-Supply Range
–
280 Mbps (Translate to 1.5 V)
• V
CC Isolation Feature - If Either VCC Input Is at
–
240 Mbps (Translate to 1.2 V)
GND, Both Ports Are in the High-Impedance
• Latch-Up Performance Exceeds 100 mA Per
State
JESD 78, Class II
• DIR Input Circuit Referenced to V
CCA
• ESD Protection Exceeds JESD 22
• ±12-mA Output Drive at 3.3 V
–
2000-V Human-Body Model (A114-A)
• I/Os Are 4.6-V Tolerant
–
200-V Machine Model (A115-A)
• I
off Supports Partial-Power-Down Mode
–
1000-V Charged-Device Model (C101)
Operation
This single-bit noninverting bus transceiver uses two separate configurable power-supply rails. The
SN74AVC1T45 is optimized to operate with VCCA/VCCB set at 1.4 V to 3.6 V. It is operational with VCCA/VCCB as
low as 1.2 V. The A port is designed to track VCCA. VCCA accepts any supply voltage from 1.2 V to 3.6 V. The
B port is designed to track VCCB. VCCB accepts any supply voltage from 1.2 V to 3.6 V. This allows for universal
low-voltage bidirectional translation between any of the 1.2-V, 1.5-V, 1.8-V, 2.5-V, and 3.3-V voltage nodes.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74AVC1T45YZPR
_ _ _TC_
0.23-mm Large Bump – YZP (Pb-free)
SOT (SOT-23) – DBV
Reel of 3000
SN74AVC1T45DBVR
DT1_
–40
°C to 85°C
SOT (SC-70) – DCK
Reel of 3000
SN74AVC1T45DCKR
TC_
SOT (SOT-553) – DRL
Reel of 4000
SN74AVC1T45DRLR
TC_
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AVC1T45DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC1T45DBVT TI-SN74AVC1T45DBVT Datasheet
473Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45DBVT TI-SN74AVC1T45DBVT Datasheet
863Kb / 26P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45DBVTE4 TI-SN74AVC1T45DBVTE4 Datasheet
473Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45DBVTE4 TI-SN74AVC1T45DBVTE4 Datasheet
863Kb / 26P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45DBVTG4 TI-SN74AVC1T45DBVTG4 Datasheet
863Kb / 26P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC1T45DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
379Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45 Datasheet
473Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_07 Datasheet
466Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_08 Datasheet
601Kb / 24P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-EP TI-SN74LVC1T45-EP Datasheet
421Kb / 20P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_09 Datasheet
831Kb / 25P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_10 Datasheet
863Kb / 26P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_10 Datasheet
832Kb / 25P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
542Kb / 20P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com