Electronic Components Datasheet Search
  English  ▼

X  

SN74AVC1T45DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC1T45DBVT
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC1T45DBVT Datasheet(HTML) 2 Page - Texas Instruments

  SN74AVC1T45DBVT Datasheet HTML 1Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 2Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 3Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 4Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 5Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 6Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 7Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 8Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
B
DIR
5
4
A
3
VCCA
VCCB
SN74AVC1T45
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES530G – DECEMBER 2003 – REVISED JANUARY 2008
The SN74AVC1T45 is designed for asynchronous communication between two data buses. The logic levels of
the direction-control (DIR) input activate either the B-port outputs or the A-port outputs. The device transmits data
from the A bus to the B bus when the B-port outputs are activated and from the B bus to the A bus when the
A-port outputs are activated. The input circuitry on both A and B ports always is active and must have a logic
HIGH or LOW level applied to prevent excess ICC and ICCZ.
The SN74AVC1T45 is designed so that the DIR input is powered by VCCA.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
The VCC isolation feature ensures that if either VCC input is at GND, then both ports are in the high-impedance
state.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
FUNCTION TABLE(1)
INPUT
OPERATION
DIR
L
B data to A bus
H
A data to B bus
(1)
Input circuits of the data I/Os
always are active.
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): SN74AVC1T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com