Electronic Components Datasheet Search
  English  ▼

X  

PTV Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # PTV
Description  12 mm Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTV Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  PTV Datasheet HTML 1Page - Bourns Electronic Solutions PTV Datasheet HTML 2Page - Bourns Electronic Solutions PTV Datasheet HTML 3Page - Bourns Electronic Solutions PTV Datasheet HTML 4Page - Bourns Electronic Solutions PTV Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PTV/PTT Series - 12 mm Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Dimensions With Bushing
L
12.5
(.492)
15
(.591)
17.5
(.689)
20
(.787)
F
7
(.276)
7
(.276)
12
(.472)
12
(.472)
PTV112-1 DUAL GANG
4.5
(.177
)
+0
-0.039
+0
-0.1
6.0
(.236
)
+0
-0.039
+0
-0.1
0.5
(.020)
DIA.
DIA.
L ±
F
7.5
(.295)
5.0
(.197)
1.5
(.059)
0.75
(.030)
M9xP
10.0
(.393)
3.5
(.138)
2.0
(.079)
2.5
(.098)
3.3
(.130)
5.9
(.232)
3.3
(.130)
14.0
(.551)
8.0
(.315)
10.8
(.425)
30 ° ± 10 °
12.0
(.472)
11.5
(.453)
10.0
(.394)
6.0
(.236)
8.0
(.315)
2.0
(.079)
12.3
(.484)
2.0 +0.2/-0
(.079 +.008/-0)
2.1 +0.2/-0
(.083 +.008/-0)
2 PLCS.
2 PLCS.
3.3
(.130)
10.0
(.394)
6.0
(.236)
2.0
(.079)
1.0 +0.2/-0
(.039 +.008/-0)
6 PLCS.
SHAFT SHOWN IN CCW POSITION
RECOMMENDED PCB LAYOUT
SHAFT SHOWN IN CCW POSITION
6.0 ± 0.3
(.236 ± .012)
10.0 ± 0.5
(.394 ± 0.20)
DIA.
6 PLACES
13.8
(.543)
2.2 +0.2/-0
(.087 +.008/-0)
2.2 +0.2/-0
(.087 +.008/-0)
2.2 +0.2/-0
(.087 +.008/-0)
11.0
(.433)
2.0 ± 0.3
(.078 ± .012)
RECOMMENDED PCB LAYOUT
4.5
(.177
)
+0
-0.039
+0
-0.1
6.0
(.236
)
+0
-0.039
+0
-0.1
DIA.
DIA.
10.0
(.393)
11.0
(.433)
4.2
(.165)
3.5
(.138)
PTV112-3 DUAL GANG
0.5
(.020)
L ±
F
7.5
(.295)
5.0
(.197)
1.5
(.059)
2.0
(.079)
0.75
(.030)
M9 x
14.6
(.575)
8.0
(.315)
10.8
(.425)
30 ° ± 10 °
12.0
(.472)
10.0
(.394)
8.0
(.315)
2.0
(.079)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com