Electronic Components Datasheet Search
  English  ▼

X  

PTV Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTV
Description  12 mm Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTV Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTV Datasheet HTML 1Page - Bourns Electronic Solutions PTV Datasheet HTML 2Page - Bourns Electronic Solutions PTV Datasheet HTML 3Page - Bourns Electronic Solutions PTV Datasheet HTML 4Page - Bourns Electronic Solutions PTV Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
Carbon element
n
Insulated shaft
n
Snap-in clip
n
Center detent
n
Center tap option
n
Assorted pin layouts
n
Dual gang option
n
Various taper options
PTV/PTT Series - 12 mm Potentiometer
Electrical Characteristics
Taper.................................... Linear, audio
Standard Resistance Range
.......................1 K ohms to 1 M ohms
Standard Resistance Tolerance.....±20 %
Residual Resistance.................1 % max.
Environmental Characteristics
Operating Temperature
.................................-10 °C to +50 °C
Power Rating............................ 0.05 Watt
Maximum Operating Voltage
............................... 50 V AC, 20 V DC
Sliding Noise ...................... 100 mV max.
Mechanical Characteristics
Mechanical Angle.....................300 ° ±5 °
Rotational Torque ............20 to 200 g-cm
Detent Torque..................30 to 300 g-cm
Stop Strength
no bushing .................... 3 kg-cm min.
with bushing.................. 3 kg-cm min.
Rotational Life ................... 15,000 cycles
Soldering Condition
............300 °C max. within 3 seconds
Hardware................. One flat washer and
mounting nut supplied per
potentiometer with bushing
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Electrical Diagrams
12
3
MODEL PTV 111
MODEL PTV 112
MODEL PTT 111
DUMMY
4
12
3
4
21
12
33
PTV111-2
L
F
30 ϒ
DIA. HOLES 4 PLCS.
RECOMMENDED PCB LAYOUT
SHAFT SHOWN IN CCW POSITION
4.5
(.177 )
+0
-0.019
+0
-0.5
6.0
(.236 )
+0
-0.019
+0
-0.5
0.5
(.019)
2.6
(.102)
10.0
(.393)
2.0
(.078)
6.1
(.240)
3.5
(.137)
8.1
(.318)
0.5
(.019)
1.5
(.059)
1.6
(.062)
9.4
(.370)
6.7
(.263)
11.0
(.433)
1.0
+0.2
-0.0
(.039 )
+0.007
-0.0
3.3
(.129)
7.5
(.295)
2.5
(.098)
2.1
+0.1
-0.0
(.082 )
+0.003
-0.0
12.0
(.472)
0.8
+0.1
-0.1
(.031 )
+0.003
-0.003
1
2
3
4
10.2
(.401)
2.0
+0.1
-0.0
(.078 )
+0.003
-0.0
4.0
(.157)
PTV111-4
RECOMMENDED PCB LAYOUT
SHAFT SHOWN IN CCW POSITION
3.5
(.137)
2.0 ± 0.15
(.078 ± .005)
L
F
4.5
(.177 )
+0
-0.019
+0
-0.5
6.0
(.236 )
+0
-0.019
+0
-0.5
0.5
(.019)
0.5
(.019)
1.5
(.059)
30 °
6.7
(.263)
11.0
(.433)
12.0
(.472)
8.5
(.334)
10.0
(.393)
11.0
(.433)
3.8
(.150)
TERMINAL DETAIL
0.8
+0.1
-0.1
(.031 )
+0.003
-0.003
DIA. HOLES 4 PLCS.
1.0
+0.2
-0.0
(.039 )
+0.007
-0.0
7.5
(.295)
2.5
(.098)
2.1
+0.1
-0.0
(.082 )
+0.003
-0.0
1
2
3
4
13.6
(.535)
2.0 -0.0
(.078 )
+0.003
-0.0
11.0
(.433)
14.4
(.567)
0.8
(.031)
Dimensions Without Bushing
L
15
(.591)
20
(.787)
22.5
(.886)
25
(.984)
27.5
(1.083)
F
4.5
(.177)
7
(.276)
7
(.276)
12
(.472)
12
(.472)
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - PTV

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTV03010 ARTESYN-PTV03010 Datasheet
234Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTV03010 EMERSON-NETWORKPOWER-PTV03010 Datasheet
234Kb / 4P
DC-DC CONVERTERS
logo
Texas Instruments
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
logo
Artesyn Technologies
PTV03010W ARTESYN-PTV03010W Datasheet
234Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTV03010W EMERSON-NETWORKPOWER-PTV03010W Datasheet
234Kb / 4P
DC-DC CONVERTERS
More results

Similar Description - PTV

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
9 mm Potentiometer
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
9 mm Potentiometer
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PRS11S BOURNS-PRS11S Datasheet
317Kb / 3P
11 mm SMD Potentiometer
PTVPTT BOURNS-PTVPTT Datasheet
298Kb / 3P
12 mm Potentiometer
6537 BOURNS-6537 Datasheet
161Kb / 1P
22 mm Precision Potentiometer
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
17 mm Guitar Potentiometer
PRS12R BOURNS-PRS12R Datasheet
678Kb / 3P
PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com