Electronic Components Datasheet Search
  English  ▼

X  

R401LX033 Datasheet(PDF) 2 Page - GIACOMINI WATER E-MOTION

Part # R401LX033
Description  Radiators valves with thermostatic option VTL series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R401LX033 Datasheet(HTML) 2 Page - GIACOMINI WATER E-MOTION

  R401LX033 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R401LX033 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
0847EN July 2020
ValVes and components for radiators
RadiatoRs valves with theRmostatic option
vtl seRies
Hydraulic features
ThedatashownareobtainedaccordingtothespecificationsoftheEN215Standard.
• R469H in combination with the valve bodies 1/2”(R401VTL, R415VTL)
s-1K
s-2K
F.O.
Q [l/h]
10
100
1000
10
100
1000
0,1
1,0
10,0
R469H in abbinameno a corpi valvola 1/2”
(R401VTL, R415VTL)
Kv s-1k = 0,27
Kv s-2k = 0,47
Kv T.A. = 1,26
Curve
s-1K
s-2K
F.O.
Kv
0,27
0,47
1,26
• R469H in combination with the valve bodies 1/2”(R402VTL)
s-1K
s-2K
F.O.
Q [l/h]
10
100
1000
10
100
1000
0,1
1,0
10,0
R469H in abbinameno a corpi valvola 1/2”
(R402VT)
Kv s-1k = 0,27
Kv s-2k = 0,51
Kv T.A. = 1,26
Curve
s-1K
s-2K
F.O.
Kv
0,27
0,51
1,26
Dimensions
R401VTL
I
B
L
M
W
K
G x B
H [mm]
I [mm]
J [mm]
K [mm]
L [mm] M [mm] W [mm]
1/2”x1/2”
59
53
23
27
70
34
30
R402VTL
I
L
M
W
K
G x B
H [mm]
I [mm]
J [mm]
K [mm]
L [mm] M [mm] W [mm]
1/2”x1/2”
60
55
17
26
82
34
30
R415VTL
W
B
L
I
K
G x B
H [mm]
I [mm]
J [mm]
K [mm]
L [mm] M [mm] W [mm]
1/2”x1/2”
53
53
36
25
102
34
30
Product specifications
R401VTL
Angle valve with thermostatic option and threaded connection M30 x 1,5 mm, chrome plated, with iron pipe connection. Body and main components: UNI
EN 12165 CW617N chrome plated brass. Monobloc command stem: stainless steel. Worksite protection handwheel: PP-H. Gaskets: EPDM. Fluid of use: water
and glycol solutions (max. 30 %). Temperature range: 5÷110 °C. Max. working pressure: 16 bar with worksite protection handwheel; 10 bar in combination with
thermostatic head. Max. differential pressure with thermostatic head: 1,4 bar (1/2”). Can be combined with thermostatic heads R469H (M30 x 1,5 mm connection).
KEYMARK (EN215) certification.
R402VTL
Straight valve with thermostatic option and threaded connection M30 x 1,5 mm, chrome plated, with iron pipe connection. Body and main components: UNI
EN 12165 CW617N chrome plated brass. Monobloc command stem: stainless steel. Worksite protection handwheel: PP-H. Gaskets: EPDM. Fluid of use: water
and glycol solutions (max. 30 %). Temperature range: 5÷110 °C. Max. working pressure: 16 bar with worksite protection handwheel; 10 bar in combination with
thermostatic head. Max. differential pressure with thermostatic head: 1,4 bar (1/2”). Can be combined with thermostatic heads R469H (M30 x 1,5 mm connection).
KEYMARK (EN215) certification.
R415VTL
Reverse angle valve with thermostatic option and threaded connection M30 x 1,5 mm, chrome plated, with iron pipe connection. Body and main components:
UNI EN 12165 CW617N chrome plated brass. Monobloc command stem: stainless steel. Worksite protection handwheel: PP-H. Gaskets: EPDM. Fluid of use: water
and glycol solutions (max. 30 %). Temperature range: 5÷110 °C. Max. working pressure: 16 bar with worksite protection handwheel; 10 bar in combination with
thermostatic head. Max. differential pressure with thermostatic head: 1,4 bar (1/2”). Can be combined with thermostatic heads R469H (M30 x 1,5 mm connection).
KEYMARK (EN215) certification.
Additional information
For more information, go to www.giacomini.com or contact our technical assistance service: ' +39 0322 923372
6
+39 0322 923255
*
consulenza.prodotti@giacomini.com
This document provides only general indications. Giacomini S.p.A. may change at any time, without notice and for technical or commercial reasons, the items included herewith.
The information included in this technical sheet do not exempt the user from strictly complying with the rules and good practice standards in force.
Giacomini S.p.A. Via per Alzo, 39 - 28017 San Maurizio d’Opaglio (NO) Italy



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com