Electronic Components Datasheet Search
  English  ▼

X  

R401LX033 Datasheet(PDF) 1 Page - GIACOMINI WATER E-MOTION

Part # R401LX033
Description  Radiators valves with thermostatic option VTL series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R401LX033 Datasheet(HTML) 1 Page - GIACOMINI WATER E-MOTION

  R401LX033 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R401LX033 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
0847EN July 2020
ValVes and components for radiators
RadiatoRs valves with theRmostatic option
vtl seRies
R401VTL
R402VTL
R415VTL
Versions and product codes
Series
Product code
Connections
Valve type
R401VTL
R401LX033
1/2”
Iron pipe
Angle
R402VTL
R402LX033
1/2”
Iron pipe
Straight
R415VTL
R415LX033
1/2”
Iron pipe
Reverse angle
Description
The VTL series valves with thermostatic option are indicated in the radiator
systems where it is expected the installation of thermostatic heads to control
the room temperature in order to optimize the consumption.
When the special worksite protection handwheel is fully closed, it is possible
to exceed static pressure values of 10 bar with the system disabled.
In any case, it is advised to connect the heating elements before carrying out
the pressurised seal tests on the system.
Installation of thermostatic heads
The R469H thermostatic head with M30 x 1,5 mm threaded connection are installed directly on the valve body after removing the worksite protection handwheel.
To remove the handwheel it is necessary to counterclockwise unscrew the upper cap and then release the handwheel by levering the base using a screwdriver.
The worksite protection handwheel, however, allows the valve flow rate to be partialize: by turning it anticlockwise, the valve opens; turning it clockwise the
valve closes.
Warning.
With thermostatic head installed on the valve body, to avoid excessive loads on the seal gasket of the
thermostatic bonnet (with the resulting risk of jamming and locking) during the summer months, is is
recommended to place the knob in the fully open position, as marked by the symbol .
In case of malfunction of the bonnet it is possible to replace the stem O-Ring, by unscrewing the nut using an
hexagonal wrench 11 mm.
If the problem persists is also possible to replace the complete bonnet using the appropriate key R400.
R400
Nut
Stem
Spring
Gasket
O-Ring
Body
BONNET
Materials
• Body and main components: UNI EN 12165 CW617N chrome plated brass
• Monobloc command stem: stainless steel
• Worksite protection handwheel: PP-H
• Gaskets: EPDM
Valve size
Thermostatic head in combination
Nominal flow rate q
mNH in combination
with thermostatic head [kg/h]
Authority“a” of the stopper
1/2”
(R401LX033, R415LX033)
R469H
150
0,86
1/2”
(R402LX033)
160
0,84
Technical data
• Fluid of use: water and glycol solutions (max. 30 %)
• Temperature range: 5÷110 °C
• Max. working pressure: 16 bar with worksite protection handwheel
10 bar in combination with thermostatic head
• Max. differential pressure with thermostatic head: 1,4 bar (1/2”);
• Can be combined with thermostatic heads R469H (threaded ring nut M30 x 1,5 mm)
KEYMARK (EN215) certification
Product
code
Declared
hysteresis
C
H
Influence of the
declared water
temperature
W
H
Declared
response time
Z
H
Influence of
the declared
differential
pressure“D
H”
Control
accuracy
CA
H
Complies with Directive RT2012
Certità con variation temporelle
TELL
Factor VT
Value VT
H
Energy efficiency
class
Classification
R469HX001
0,03 K
0,3 K
25 min.
0,15 K
0,2 K
0,15
0,2
0,25


Similar Part No. - R401LX033

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
R401 INTRONICS-R401 Datasheet
217Kb / 1P
GENERAL-PURPOSE LOW-COST TRUE-RMS COMPUTING SUB-SYSTEMS
logo
GIACOMINI WATER E-MOTIO...
R401DBX004 GIACOMINI-R401DBX004 Datasheet
1Mb / 8P
Radiator valves with thermostatic option with dynamic flow balancing
R401DBX032 GIACOMINI-R401DBX032 Datasheet
1Mb / 8P
Radiator valves with thermostatic option with dynamic flow balancing
R401DBX033 GIACOMINI-R401DBX033 Datasheet
1Mb / 8P
Radiator valves with thermostatic option with dynamic flow balancing
R401DX003 GIACOMINI-R401DX003 Datasheet
386Kb / 4P
Radiators valves with thermostatic option D series
More results

Similar Description - R401LX033

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22105 AD-AD22105 Datasheet
262Kb / 8P
Low Voltage, Resistor Programmable Thermostatic Switch
logo
List of Unclassifed Man...
4307-A ETC2-4307-A Datasheet
265Kb / 4P
STANDARD VALVES
4019-A ETC2-4019-A Datasheet
147Kb / 4P
VALVES TRIODES
logo
Sensortechnics GmbH
001-0017-900 SENSORTECHNICS-001-0017-900 Datasheet
74Kb / 3P
Inert isolation soleniod valves
002-0017-900 SENSORTECHNICS-002-0017-900 Datasheet
76Kb / 3P
Inert isolation soleniod valves
logo
Analog Devices
AD22105ARZ AD-AD22105ARZ Datasheet
266Kb / 8P
Low Voltage, Resistor Programmable Thermostatic Switch
REV. 0
AD22105 AD-AD22105_15 Datasheet
266Kb / 8P
Low Voltage, Resistor Programmable Thermostatic Switch
REV. 0
logo
Adam Technologies, Inc.
HFH-XX-T-SMT ADAM-TECH-HFH-XX-T-SMT Datasheet
56Kb / 1P
WITH PEG OPTION
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
Industrial Solenoid Valves
logo
Analog Devices
AD22105 AD-AD22105_V01 Datasheet
232Kb / 11P
Low Voltage, Resistor-Programmable, Thermostatic Switch
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com