Electronic Components Datasheet Search
  English  ▼

X  

D3D Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D3D
Description  9mm long stroke with its unique mechanism (plunger model)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3D Datasheet(HTML) 1 Page - Omron Electronics LLC

  D3D Datasheet HTML 1Page - Omron Electronics LLC D3D Datasheet HTML 2Page - Omron Electronics LLC D3D Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
D
3
D
D3D
Miniature Door Switch
9mm long stroke with its
unique mechanism
(plunger model)
● Choose from plunger or lever as the actuator type.
● Crimp-type connector offers an easy wiring work
and efficiency.
● Snap-fit attachment for easy installation.
● Providing two colors, black and white.
● Mainly used for refrigerators.
RoHS Compliant
Model Number Legend
List of Models
Contact Form
●SPDT
●SPST-NC
●SPST-NO
Contact Specifications
*
Please refer to "
●Using Micro Loads" in "Precautions" for more
information on the minimum applicable load.
Ratings
Note. The above rating values apply under the following test conditions.
(1) Ambient temperature: 20
±2°C
(2) Ambient humidity: 65
±5%
(3) Operating frequency: 30 operations/min
Approved Safety Standards
UL (UL1054/CSA C22.2 No.55)
VDE (EN61058-1)
Testing conditions: 5E4 (50,000 operations) T55 (0°C to 55°C)
Actuator
Housing
color
Contact form
SPDT
SPST-NC
SPST-NO
Plunger
White
D3D-111
D3D-121
D3D-131
Black
D3D-113
D3D-123
D3D-133
Lever
White
D3D-211
D3D-221
D3D-231
Black
D3D-213
D3D-223
D3D-233
D3D-
@@@
1. Actuator
1: Plunger
2: Lever
2. Contact form
1: SPDT
2: SPST-NC
3: SPST-NO
3. Housing color
1: White
3: Black
12
3
NC
COM
NO
NC
COM
COM
NO
Item
Model
D3D
Contact
Specification
Crossbar
Material
Gold alloy
Minimum applicable load
(reference value) *
5 VDC 1 mA
Rated voltage
Resistive load
125 VAC
1 A
250 VAC
0.5 A
Model
D3D
Rated voltage
Item
Resistive load
125 VAC
1 A
250 VAC
0.5 A
Rated voltage
Model
D3D
125 VAC
1 A
250 VAC
0.5 A


Similar Part No. - D3D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3D OMRON-D3D Datasheet
781Kb / 6P
Miniature Door Switch
D3D-111 OMRON-D3D-111 Datasheet
781Kb / 6P
Miniature Door Switch
D3D-121 OMRON-D3D-121 Datasheet
781Kb / 6P
Miniature Door Switch
D3D-131 OMRON-D3D-131 Datasheet
781Kb / 6P
Miniature Door Switch
D3D-211 OMRON-D3D-211 Datasheet
781Kb / 6P
Miniature Door Switch
More results

Similar Description - D3D

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
9mm Size Insulated Shaft Long-life Type
logo
Omron Electronics LLC
B3AL OMRON-B3AL Datasheet
326Kb / 4P
Long Stroke Tactile Switch
B3AL1000P OMRON-B3AL1000P Datasheet
285Kb / 3P
Long-stroke Tactile Switch (SMT)
logo
Grayhill, Inc
82-601-85 GRAYHILL-82-601-85 Datasheet
228Kb / 6P
Long, Stroke, Wiping Contact Lightable Modules
logo
Cherry Semiconductor Co...
E5300T CHERRY-E5300T Datasheet
2Mb / 2P
Long life coil spring mechanism
logo
List of Unclassifed Man...
BU-21434 ETC2-BU-21434 Datasheet
203Kb / 1P
Insulated, Long Reach, Plunger Grabber
logo
Omron Electronics LLC
G4Q OMRON-G4Q Datasheet
369Kb / 6P
Unique Ratchet Mechanism Assures Positive Alternate Transfer/Switching Operation
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
logo
ZF Friedrichshafen AG
E51 ZFSWITCHES-E51 Datasheet
2Mb / 2P
Long life coil spring mechanism
E61 ZFSWITCHES-E61 Datasheet
771Kb / 3P
Long life coil spring mechanism
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com