Electronic Components Datasheet Search
  English  ▼

X  

D3D Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D3D
Description  9mm long stroke with its unique mechanism (plunger model)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3D Datasheet(HTML) 3 Page - Omron Electronics LLC

  D3D Datasheet HTML 1Page - Omron Electronics LLC D3D Datasheet HTML 2Page - Omron Electronics LLC D3D Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
D3D
Miniature Door Switch
D
3
D
Precautions
★Please refer to "Common Precautions" for correct use.
●Mounting
This product does not have a waterproof or drip-proof
construction. Ensure that water does not enter the interior of the
Switch.
In particular, do not use the Switch in locations where water may
be spilt or flow over the Switch. Doing so may result in
deterioration of the insulation.
●Operating Stroke
In order to ensure stable contact force for NO contacts, set the
total stroke at least 5 mm.
●Wiring
Do not use the Switch with Connector mounted and weight load
applied to the Connector and lead wire, otherwise it may rattle or
may result in connection failure.
●Using Micro Loads
Even when using the Switch within the operating range, if there
are inrush currents or surges, it may decrease the durability of the
Switch. If necessary, insert a contact protection circuit.
Connector
• The terminals connect to JST’s HL Connector.
Contact: SSF-21T-P1.4
Housing: HLP-03V
• OMRON does not sell the HL Connector.
• Contact JST Mfg. for more information on the connectors.
J.S.T. Manufacturing Co.,Ltd.
http://www.jst-mfg.com/index_e.php
Correct Use
• Application examples provided in this document are for reference only. In actual applications, confirm equipment functions and safety before using the product.
• Consult your OMRON representative before using the product under conditions which are not described in the manual or applying the product to nuclear control systems, railroad
systems, aviation systems, vehicles, combustion systems, medical equipment, amusement machines, safety equipment, and other systems or equipment that may have a serious
influence on lives and property if used improperly. Make sure that the ratings and performance characteristics of the product provide a margin of safety for the system or
equipment, and be sure to provide the system or equipment with double safety mechanisms.
OMRON Corporation
ELECTRONIC AND MECHANICAL COMPONENTS COMPANY
Contact: www.omron.com/ecb
Cat. No. B107-E1-04
0117(0207)(O)
Note: Do not use this document to operate the Unit.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com