Electronic Components Datasheet Search
  English  ▼

X  

4429 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4429
Description  13.56MHz RFID/NFC Black Sewable Button - NTAG213 - 24mm Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4429 Datasheet(HTML) 1 Page - Adafruit Industries

  4429 Datasheet HTML 1Page - Adafruit Industries 4429 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
13.56MHz RFID/NFC Black Sewable
Button - NTAG213 - 24mm Diameter
PRODUCT ID: 4429
 
This is a blank 13.56MHz RFID/NFC Laundry Tag Button with an NTAG213 chip -
often used for laundry or garment identification, information sharing,
contactless payment, but also found in other systems where a proximity card is
desired. The button contains a small RFID chip and an antenna, and is passively
powered by the reader/writer when placed a couple inches away.
These can be read by almost any 13.56MHz RFID/NFC reader, but make sure it
can handle ISO/IEC 14443 Type A cards (the standard NTAG uses) as there are a
few other encoding standards (like FeLica).
These chips can be written to and store up to 144 bytes of data in writable
EEPROM divided into 4 byte banks, and can handle over 10,000 re-writes. You
can use our PN532 NFC/RFID breakout board or Adafruit NFC/RFID Shield for
Arduino to read and write data to the EEPROM inside the tag. There is also a
permanent 7-byte serial number ID burned into the chip that you can use to
identify one tag from another - the ID number cannot be changed.


Similar Part No. - 4429

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4429 ETC-4429 Datasheet
137Kb / 1P
DELAY MODULES,TTL,SURFACE MOUNTED
44290 ETC2-44290 Datasheet
379Kb / 1P
Wiha Quality Tools
logo
YAGEO Corporation
442941 YAGEO-442941 Datasheet
383Kb / 8P
HIGH OHMIC CHIP RESISTORS
More results

Similar Description - 4429

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6720 HOLTEK-HT6720 Datasheet
112Kb / 6P
13.56MHz RFID Transponder
August 13, 2001
HT672B HOLTEK-HT672B Datasheet
131Kb / 8P
13.56MHz RFID Transponder
November 23, 2004
HT672A HOLTEK-HT672A_07 Datasheet
120Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
HT6740 HOLTEK-HT6740_07 Datasheet
111Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
13.56MHz RFID Transceiver
MLX90121 MELEXIS-MLX90121 Datasheet
387Kb / 26P
13.56MHz RFID Transceiver
MLX90131 MELEXIS-MLX90131 Datasheet
36Kb / 1P
13.56MHz RFID/NFC Transceiver
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
13.56MHz RFID Antenna
logo
Melexis Microelectronic...
MLX90132 MELEXIS-MLX90132 Datasheet
2Mb / 44P
13.56MHz RFID / NFC Transceiver
logo
Pulse A Technitrol Comp...
W3102 PULSE-W3102 Datasheet
963Kb / 7P
13.56MHz RFID/NFC SMD Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com