Electronic Components Datasheet Search
  English  ▼

X  

4429 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4429
Description  13.56MHz RFID/NFC Black Sewable Button - NTAG213 - 24mm Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4429 Datasheet(HTML) 2 Page - Adafruit Industries

  4429 Datasheet HTML 1Page - Adafruit Industries 4429 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
These use an NTAG chipset, a 'Type 2' tag that is usable with any smartphone.
Unlike "Classic 1K" cards (a.k.a MiFare S50s), these tags are more secure and
work with almost any phone with RFID support since they avoid the patent
issues with Mifare, which requires an NXP chipset or license fee.
You get one button per order.
Learn more about RFID / NFC products and projects on the Adafruit Learning
System.
Specs:
Material: PPS, black (customizable)
Waterproof Rating: IP 68
Operating temperature: -25°C to 100°C
Storage temperature: -25°C to 90°C
+ 220°C 50 hours
+ 260°C 30 seconds
Vibration: ISO / IEC 68.2.6 (10g , 10..2000Hz, 3 axis, 2.5h)
Washing cycle: 200 x
 
https://www.adafruit.com/product/4429/12‐19‐19 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com