Electronic Components Datasheet Search
  English  ▼

X  

FM31274 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM31274
Description  5V Integrated Processor Companion with Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31274 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM31274 Datasheet HTML 1Page - Ramtron International Corporation FM31274 Datasheet HTML 2Page - Ramtron International Corporation FM31274 Datasheet HTML 3Page - Ramtron International Corporation FM31274 Datasheet HTML 4Page - Ramtron International Corporation FM31274 Datasheet HTML 5Page - Ramtron International Corporation FM31274 Datasheet HTML 6Page - Ramtron International Corporation FM31274 Datasheet HTML 7Page - Ramtron International Corporation FM31274 Datasheet HTML 8Page - Ramtron International Corporation FM31274 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Pre-Production
This is a product in pre-production phase of development. Device
Ramtron International Corporation
characterization is complete and Ramtron does not expect to change
1850 Ramtron Drive, Colorado Springs, CO 80921
the specifications. Ramtron will issue a Product Change Notice if
(800) 545-FRAM, (719) 481-7000
any specification changes are made.
www.ramtron.com
Rev. 2.0
Dec. 2007
Page 1 of 25
FM31278/276/274/272
5V Integrated Processor Companion with Memory
Features
High Integration Device Replaces Multiple Parts
•
Serial Nonvolatile Memory
•
Real-time Clock (RTC)
•
Low Voltage Reset
•
Watchdog Timer
•
Early Power-Fail Warning/NMI
•
Two 16-bit Event Counters
•
Serial Number with Write-lock for Security
Ferroelectric Nonvolatile RAM
•
4Kb, 16Kb, 64Kb, and 256Kb versions
•
Unlimited Read/Write Endurance
•
10 year Data Retention
•
NoDelay™ Writes
Real-time Clock/Calendar
•
Backup Current under 1
µA
•
Seconds through Centuries in BCD format
•
Tracks Leap Years through 2099
•
Uses Standard 32.768 kHz Crystal (12.5pF)
•
Software Calibration
•
Supports Battery or Capacitor Backup
Processor Companion
•
Active-low Reset Output for VDD and Watchdog
•
Programmable VDD Reset Trip Point
•
Manual Reset Filtered and Debounced
•
Programmable Watchdog Timer
•
Dual Battery-backed Event Counter Tracks
System Intrusions or other Events
•
Comparator for Early Power-Fail Interrupt
•
64-bit Programmable Serial Number with Lock
Fast Two-wire Serial Interface
•
Up to 1 MHz Maximum Bus Frequency
•
Supports Legacy Timing for 100 kHz & 400 kHz
•
Device Select Pins for up to 4 Memory Devices
•
RTC, Supervisor Controlled via 2-wire Interface
Easy to Use Configurations
•
Operates from 4.0 to 5.5V
•
14-pin “Green”/RoHS SOIC package (-G)
•
Low Operating Current
•
-40
°C to +85°C Operation
Description
The FM3127x is a family of integrated devices that
includes the most commonly needed functions for
processor-based systems. Major features include
nonvolatile memory available in various sizes, real-
time clock, low-VDD reset, watchdog timer,
nonvolatile event counter, lockable 64-bit serial
number area, and general purpose comparator that
can be used for an early power-fail (NMI) interrupt or
other purpose. The family operates from 4.0 to 5.5V.
Each FM3127x provides nonvolatile RAM available
in sizes including 4Kb, 16Kb, 64Kb, and 256Kb
versions. Fast write speed and unlimited endurance
allow the memory to serve as extra RAM or
conventional nonvolatile storage. This memory is
truly nonvolatile rather than battery backed.
The real-time clock (RTC) provides time and date
information in BCD format. It can be permanently
powered from external backup voltage source, either
a battery or a capacitor. The timekeeper uses a
common external 32.768 kHz crystal and provides a
calibration mode that allows software adjustment of
timekeeping accuracy.
The processor companion includes commonly needed
CPU support functions. Supervisory functions
include a reset output signal controlled by either a
low VDD condition or a watchdog timeout. /RST
goes active when VDD drops below a programmable
threshold and remains active for 100 ms after VDD
rises above the trip point. A programmable watchdog
timer runs from 100 ms to 3 seconds. The watchdog
timer is optional, but if enabled it will assert the reset
signal for 100 ms if not restarted by the host before
the timeout. A flag-bit indicates the source of the
reset.
A general-purpose comparator compares an external
input pin to the onboard 1.2V reference. This is
useful for generating a power-fail interrupt (NMI) but
can be used for any purpose. The family also includes
a programmable 64-bit serial number that can be
locked making it unalterable. Additionally it offers a
dual battery-backed event counter that tracks the
number of rising or falling edges detected on
dedicated input pins.


Similar Part No. - FM31274

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31276 RAMTRON-FM31276 Datasheet
461Kb / 26P
5V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31276 CYPRESS-FM31276 Datasheet
862Kb / 26P
5V Integrated Processor Companion with Memory
FM31276-G CYPRESS-FM31276-G Datasheet
862Kb / 26P
5V Integrated Processor Companion with Memory
FM31276-GTR CYPRESS-FM31276-GTR Datasheet
862Kb / 26P
5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31278 RAMTRON-FM31278 Datasheet
461Kb / 26P
5V Integrated Processor Companion with Memory
More results

Similar Description - FM31274

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
3V Integrated Processor Companion with Memory
FM32278 RAMTRON-FM32278 Datasheet
274Kb / 21P
5V Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
Integrated Processor Companion with Memory
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
Integrated Processor Companion with Memory
FM31278 RAMTRON-FM31278_11 Datasheet
461Kb / 26P
5V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
Integrated Processor Companion with Memory
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
5V Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com