Electronic Components Datasheet Search
  English  ▼

X  

FM31274 Datasheet(PDF) 19 Page - Ramtron International Corporation

Part # FM31274
Description  5V Integrated Processor Companion with Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31274 Datasheet(HTML) 19 Page - Ramtron International Corporation

Back Button FM31274 Datasheet HTML 15Page - Ramtron International Corporation FM31274 Datasheet HTML 16Page - Ramtron International Corporation FM31274 Datasheet HTML 17Page - Ramtron International Corporation FM31274 Datasheet HTML 18Page - Ramtron International Corporation FM31274 Datasheet HTML 19Page - Ramtron International Corporation FM31274 Datasheet HTML 20Page - Ramtron International Corporation FM31274 Datasheet HTML 21Page - Ramtron International Corporation FM31274 Datasheet HTML 22Page - Ramtron International Corporation FM31274 Datasheet HTML 23Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
FM31278/276/274/272 - 5V I2C Companion
Rev. 2.0
Dec. 2007
Page 19 of 25
Figure 16. Selective (Random) Memory Read
Figure 17. Byte Register Write
Although not required, it is recommended that A5-A7 in the Register Address byte are zeros in order to
preserve compatibility with future devices.
Addressing F-RAM Array in the FM3127x Family
The FM3127x family includes 256Kb, 64Kb, 16Kb, and 4Kb memory densities. The following 2-byte address field
is shown for each density.
Table 4. Two-Byte Memory Address
Part #
1st Address Byte
2nd Address Byte
FM31278
x
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
FM31276
x
x
x
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
FM31274
x
x
x
x
x
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
FM31272
x
x
x
x
x
x
x
A8
A7
A6
A5
A4
A3
A2
A1
A0
S
A
Slave Address 1
Data Byte
1 P
By Master
By FM3127x
Start
Address
Stop
No
Acknowledge
Data
S
A
Slave Address 0
Address MSB
A
Start
Address
Acknowledge
Address LSB
A
S
A
Slave Address
0
Address
A
Data Byte
A
P
By Master
Start
Address & Data
Stop
Acknowledge
0 0 0
By FM3127x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com