Electronic Components Datasheet Search
  English  ▼

X  

R5220 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # R5220
Description  Relio Industrial Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

R5220 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  R5220 Datasheet HTML 1Page - Sealevel Systems, Inc. R5220 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Relio R5220 is an embedded computer powered by
a 2.2GHz Intel® Core™2 Duo CPU that is designed to run
fanless up to 45°C. The compact chassis has expansion
slots for one PCI Express X16 and one full-height PCI
card. The system includes 2GB of DDR2 667MHz RAM
and is ideal for harsh, industrial environments.
An optional 2.5” solid-state SATA hard drive can be
integrated and preloaded with Microsoft Windows or
Windows Embedded operating systems. Linux is also
supported. Operating from solid-state hard drive, the
fanless design offers the ultimate in reliability — no
moving parts.
The R5220 offers a wealth of standard I/O features
including dual Gigabit Ethernet, six USB 2.0 ports, four
serial ports, and VGA video. The system includes an
external power supply and US power cord that accepts
100-240V AC input and outputs 24VDC @ 120W. The
metal enclosure allows for versatile mounting to walls,
under counters, and on tabletops.
www.sealevel.com > Tel: 864.843.4343 > sales@sealevel.com
Fanless 2.2Ghz Intel® Core™2 Duo T7500, 2 GB Ram
Features
Solid-state operation with no fans or other moving
>
parts
2.5” internal drive bay is perfect for optional solid-
>
state hard drives
Two expansion slots support one PCIe X16 and one
>
PCI card
Two 10/100/1000BaseT RJ45 (Intel 82566DM,
>
82573V) Gigabit Ethernet ports with status LEDs
Four DB9M serial ports (COM1 = RS-232/422/485,
>
COM2,3,4 = RS-232)
Six USB 2.0 ports
>
Two IEEE-1394 “FireWire” ports
>
Audio line out and microphone in
>
Separate PS/2 mouse and keyboard ports
>
Embedded computer power with a wealth of I/O features
Relio Industrial Computer
Processor
2.2Ghz Intel Core 2 Duo
Chipset
Intel 965GME
BIOS
Phoenix-Award
Max RAM
4GB DDR2 533/667 MHz
Two 240-Pin DIMM Slots
Max Video
QXGA (2048x1526 @ 75 Hz
Power
24VDC (Max 120W)
Operating Temperature
Range *
10°C — +40°C
Storage
Temperature Range
-20°C — + 80°C
Humidity Range
10% - 90% R.H.
Dimensions
9.5” (L) x 7.2” (W) x 5.5” (H)
Specifications
* Call for extended temperature ranges


Similar Part No. - R5220

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5220D012A RICOH-R5220D012A Datasheet
518Kb / 25P
PWM Step-down DC/DC Converter with switch function
R5220D012B RICOH-R5220D012B Datasheet
518Kb / 25P
PWM Step-down DC/DC Converter with switch function
R5220D022A RICOH-R5220D022A Datasheet
518Kb / 25P
PWM Step-down DC/DC Converter with switch function
R5220D022B RICOH-R5220D022B Datasheet
518Kb / 25P
PWM Step-down DC/DC Converter with switch function
R5220D032A RICOH-R5220D032A Datasheet
518Kb / 25P
PWM Step-down DC/DC Converter with switch function
More results

Similar Description - R5220

ManufacturerPart #DatasheetDescription
logo
Protek Devices
232B PROTEC-232B Datasheet
126Kb / 3P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
232B PROTEC-232B_10 Datasheet
437Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
232B PROTEC-232B_12 Datasheet
439Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
logo
Axiomtek Co., Ltd.
AX6033 AXIOMTEK-AX6033 Datasheet
186Kb / 1P
Desktop or wallmount industrial computer chassis
AX60501 AXIOMTEK-AX60501 Datasheet
208Kb / 1P
Desktop or wallmount industrial computer chassis
AX60551 AXIOMTEK-AX60551 Datasheet
146Kb / 1P
Desktop or wallmount industrial computer chassis
AX60552 AXIOMTEK-AX60552 Datasheet
348Kb / 1P
Desktop or wallmount industrial computer chassis
logo
Advantech Co., Ltd.
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
Intel짰 ATOM??Industrial Computer System
TPC-2000 ADVANTECH-TPC-2000 Datasheet
607Kb / 2P
Modular Industrial Thin-Client Panel Computer
5-Jan-2021
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
Industrial Computer for IoT, Industrial Control and Automation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com