Electronic Components Datasheet Search
  English  ▼

X  

R5220 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # R5220
Description  Relio Industrial Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

R5220 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  R5220 Datasheet HTML 1Page - Sealevel Systems, Inc. R5220 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Software for standard PCI boards will also work
with PCI Express boards
PCI Express Serial Boards
Sealevel PCI Express serial boards are designed
for computers with X1 PCI Express slots, and are
fully compatible with X2, X4, X8, X16, and X32
PCI Express slots. The boards utilize serial UARTs
with 128-byte FIFOs for maximum reliability in
data intensive applications.
PCI Express Digital I/O
Sealevel PCI Express digital I/O boards are
designed for computers with X1 PCI Express
slots and are compatible with any PCI Express
slot. Digital I/O boards are currently available
with optically isolated inputs and Reed relay
outputs.
Optically isolated inputs protect the PC from voltage
spikes common to industrial environments. Reed relay
outputs provide reliable, long-life switch closures
suitable for low current applications.
PCI Serial Boards
Sealevel low profile PCI digital I/O boards meet the
requirement for the MD1 low profile specification and
feature Universal Bus (3.3V and 5V) for compatibility
with both new and legacy computer systems.
PCI Digital I/O
Sealevel low profile PCI digital I/O boards
meet the requirement for the MD1 low profile
specification and feature Universal Bus (3.3V
and 5V) for compatibility with both new and
legacy computer systems.
Sealevel’s PCI bus serial boards offer the widest
choice of I/O connectivity available. Products
include RS-232, RS-422 and RS-485 solutions.
Our PCI boards are available with a wide range
of accessories to make installation easy.
Sealevel Low Profile Universal Bus PCI boards are
designed for many of today’s newer computers
that do not include standard size PCI slots.
www.sealevel.com > Tel: 864.843.4343 > sales@sealevel.com
PCI and PCIe Solutions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com