Electronic Components Datasheet Search
  English  ▼

X  

RELIOR1 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # RELIOR1
Description  Relio R1 Industrial Computer - Compact, Rugged, and Configurable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

RELIOR1 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  RELIOR1 Datasheet HTML 1Page - Sealevel Systems, Inc. RELIOR1 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Relio R1 Industrial Computer - Compact, Rugged,
and Configurable
The Relio™ R1 compact rugged industrial computer is designed for applications that demand powerful processing capabilities, wide
operating temperature range, and DIN Rail compatibility, while designed to exceed military specifications for shock & vibration.
Sealevel takes COM Express architecture to extremes with the Relio R1 industrial computer, featuring your choice of quad, dual and
single-core Intel Atom® (Bay Trail) processor with up to 8 GB of DDR3L RAM, or powerful dual-core Intel Core i5-6300U (Skylake-U)
processor with 8 GB of DDR4 RAM, in a virtually indestructible, DIN Rail compatible enclosure. The R1 is Sealevel’s most rugged
computer to date, designed to exceed military specifications for shock and vibration.
The Relio R1 achieves an impressive operating temperature range of -40°C to 71°C, while requiring low power consumption from your
18-36 VDC source. Standard features include two software-selectable serial ports, dual Gigabit Ethernet, four SeaLATCH™ locking USB
ports, digital and analog video interfaces. The 802.11 b/g/n dual-band wireless network option enables convenient connectivity at data
rates up to 300 Mbps. CAN bus 2.0b and GPS options are also available.
Inside the R1, a CFast SATA II card slot provides solid-state storage that can be preloaded with 32-bit or 64-bit versions of Microsoft
Windows or Linux operating systems. The optional, rugged DIN Rail bracket allows secure mounting to 35mm DIN Rail located inside
panels, vehicles or even heavy equipment and drilling rigs. The optional VESA bracket supports 75mm or 100mm installation to
industrial and commercial displays, and also doubles as a wall or table mount. The system is perfect for harsh industrial environments
including military, oil & gas, transportation, energy, and process control applications.
The COM Express design allows easy technology migration as processor technology evolves. As a result, the COM module can be
upgraded to increase performance over the life of the application.
To quickly get started with your application development, check out the Relio R1 QuickStart kit that includes the most popular
configuration options and accessories.
Part: R1-Config | Model: Relio R1
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - RELIOR1

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
RELIOR2 SEALEVEL-RELIOR2 Datasheet
415Kb / 2P
Solid-State, Compact Industrial Computer
RELIOR3 SEALEVEL-RELIOR3 Datasheet
350Kb / 2P
Relio R3 Configurable 3U Rackmount Industrial Computer
RELIOR4 SEALEVEL-RELIOR4 Datasheet
605Kb / 2P
Relio R4 Configurable 1U Rackmount Industrial Computer
RELIOR9 SEALEVEL-RELIOR9 Datasheet
717Kb / 2P
Relio R9™ RISC Embedded Computing
More results

Similar Description - RELIOR1

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
RTC-700A AAEON-RTC-700A Datasheet
604Kb / 2P
RISC-based 7??Rugged Tablet Computer
RTC-700T AAEON-RTC-700T Datasheet
1Mb / 2P
7??Rugged Tablet Computer
RTC-1000A AAEON-RTC-1000A Datasheet
430Kb / 2P
10.2" Rugged Tablet Computer
RTC-1000AS AAEON-RTC-1000AS Datasheet
459Kb / 2P
10.2" Rugged Tablet Computer
RTC-1000D AAEON-RTC-1000D Datasheet
466Kb / 2P
10.2" Rugged Tablet Computer
RTC-1000I AAEON-RTC-1000I Datasheet
464Kb / 2P
10.2" Rugged Tablet Computer
logo
List of Unclassifed Man...
LEC-2050 ETC2-LEC-2050 Datasheet
375Kb / 2P
Rugged Computer with Intel짰 Atom??N270
logo
Adlink Technology Inc.
CM2-BT2 ADLINK-CM2-BT2 Datasheet
582Kb / 4P
Extreme Rugged Single Board Computer
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
Industrial Computer for IoT, Industrial Control and Automation
ED-IPC2200 EDATEC-ED-IPC2200 Datasheet
612Kb / 6P
High Configurable Industrial Computer Based on Rasberry Pi CM4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com