Electronic Components Datasheet Search
  English  ▼

X  

RELIOR1 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # RELIOR1
Description  Relio R1 Industrial Computer - Compact, Rugged, and Configurable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

RELIOR1 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  RELIOR1 Datasheet HTML 1Page - Sealevel Systems, Inc. RELIOR1 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
Relio R1 Industrial Computer - Compact, Rugged, and Configurable
Part: R1-Config | Model: Relio R1
Features
• Compact, extreme rugged, anodized aluminum enclosure
• Zero maintenance — silent, solid-state design with no fans or other
moving parts
• Designed to exceed military shock and vibration specifications
• Wide temperature operation from -40°C to 71°C
(-40°F to 160°F) ambient
• COM Express Type 6 Compact Module supports single, dual and quad-
core Intel Atom (Bay Trail) processors
• Up to 8 GB DDR3L RAM
• Internal CFast slot is perfect for solid-state disk (SSD) applications
• Internal Mini PCI Express full-length slot supports optional CAN,
wireless, GPS and other expansion options
• Integrated 7th generation Intel graphics hardware
• Choice of digital (DVI-D, HDMI or DisplayPort) and analog (VGA)
display options
• Two 10/100/1000BaseT RJ45 Gigabit Ethernet ports with status LEDs
• One SeaLATCH locking USB 3.0 port
• Pushbutton LED power switch
• One High-Retention, SeaLATCH Locking USB 2.0 Port
• 18-36 VDC power input via 2-pin removable terminal block
• Enclosure Right
• Two High-Retention, SeaLATCH locking USB 2.0 ports
• Two serial ports via 6-pin removable terminal block (Supports 2-wire
RS-232 or RS-485)
• Enclosure Rear
• Optional, rugged shock & vibration resistant DIN Rail bracket
• Threaded mounting holes for additional mounting options
Specifications
Family
Relio
CPU Type
Intel Atom, Intel Core i5
CPU
1.46 GHz Dual-Core Intel Atom E3826,
1.46 GHz Single-Core Intel Atom E3815,
1.91 GHz Quad-Core Intel Atom E3845,
2.4/3.0 GHz Dual-Core Intel Core i5-
6300U
BIOS
AMI EFI with CMOS Backup in 8 MB SPI
Flash
Serial Ports
Two 2-Wire RS-232 or RS-485
USB 2.0 Ports
hree High-Retention, SeaLATCH
Locking USB
USB 3.0 Ports
One SeaLATCH Locking USB
Networking
Dual Gigabit Ethernet, Optional Wi-Fi
(802.11 b/g/n, only approved for US &
Canada)
Display Support
•Choice of Digital (DVI-D, HDMI or
DisplayPort 1.1) and Analog (VGA)
Max Video
WQHD 2560×1600 @ 60Hz
Expansion Slots
Mini PCI Express Full-Length Card for
Optional CAN Bus 2.0b, Wireless 802.11
b/g/n, GPS or Other Capabilitiese
Expansion Slots
18-36 VDC (12W Typical; Max 25W)
Operating
Temperature
-40°C to 71°C (-40°F to 160°F
Expansion Slots
10 – 90% Relative Humidity, Non-
Condensing
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Shock Rating
Meets/exceeds military standards
Vibration
Meets/exceeds military standards
Dimensions
6.64” (L) x 5.19” (W) x 1.90” (H)
sealevel.com
+1 864.843.4343
SL9274 K22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com