Electronic Components Datasheet Search
  English  ▼

X  

PCF8883US Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8883US
Description  Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883US Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8883US Datasheet HTML 16Page - NXP Semiconductors PCF8883US Datasheet HTML 17Page - NXP Semiconductors PCF8883US Datasheet HTML 18Page - NXP Semiconductors PCF8883US Datasheet HTML 19Page - NXP Semiconductors PCF8883US Datasheet HTML 20Page - NXP Semiconductors PCF8883US Datasheet HTML 21Page - NXP Semiconductors PCF8883US Datasheet HTML 22Page - NXP Semiconductors PCF8883US Datasheet HTML 23Page - NXP Semiconductors PCF8883US Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
PCF8883
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4.1 — 14 September 2016
20 of 35
NXP Semiconductors
PCF8883
Capacitive touch/proximity switch with auto-calibration
16. Bare die outline
Fig 18. WLCSP8 outline of PCF8883US
Table 8.
Dimension of PCF8883US
Original dimensions are in mm.
Unit (mm)
A
A1
A2
b
D
E
max
----1.19
0.89
nom
0.55
0.11
0.44
0.2
1.16
0.86
min
----1.13
0.83
Table 9.
Solder bump locations
All coordinates are in
m and referenced to the center of the die (see Figure 18).
Symbol
Pin
X
Y
Type
Description
IN
1
430
280
analog input/
output
sensor input
TYPE
2
0
280
input
pin OUT behavior configuration input
CPC
3
225
0
analog input/
output
sensitivity setting
VSS
4
430
280
supply
ground supply voltage
VDD
5
430
280
supply
supply voltage
OUT
6
0
280
output
switch output
CLIN
7
225
0
analog input/
output
sampling rate setting
VDD(INTREGD) 8
430
280
supply
internal regulated supply voltage output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com