Electronic Components Datasheet Search
  English  ▼

X  

PCF8883US Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8883US
Description  Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883US Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8883US Datasheet HTML 3Page - NXP Semiconductors PCF8883US Datasheet HTML 4Page - NXP Semiconductors PCF8883US Datasheet HTML 5Page - NXP Semiconductors PCF8883US Datasheet HTML 6Page - NXP Semiconductors PCF8883US Datasheet HTML 7Page - NXP Semiconductors PCF8883US Datasheet HTML 8Page - NXP Semiconductors PCF8883US Datasheet HTML 9Page - NXP Semiconductors PCF8883US Datasheet HTML 10Page - NXP Semiconductors PCF8883US Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
PCF8883
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4.1 — 14 September 2016
7 of 35
NXP Semiconductors
PCF8883
Capacitive touch/proximity switch with auto-calibration
If the capacitance on pin IN increases, the discharge time tdch increases too. Therefore it
takes longer for the voltage on the corresponding comparator to drop below Vref. Only
once this happens, the comparator output becomes LOW and this results in a pulse on
CDN discharging the external capacitor CCPC slightly. Thus most pulses will now be given
by CUP. Without further action, capacitor CCPC would then fully charge.
However, a chip-internal automatic calibration mechanism that is based on a voltage
controlled sink current (Isink) connected to pin IN attempts to equalize the discharge time
tdch with the internal reference discharge time tdch(ref). The current source is controlled by
the voltage on CCPC which causes the capacitance on pin IN to be discharged more
quickly in the case that the voltage on CCPC is rising, thereby compensating for the
increase in capacitance on input pin IN. This arrangement constitutes a closed-loop
control system that constantly attempts to equalize the discharge time tdch with tdch(ref).
This allows compensating for slow changes in capacitance on input pin IN. Fast changes
due to an approaching hand for example will not be compensated. In the equilibrium state,
the discharge times are equal and the pulses alternate between CUP and CDN.
From this also follows, that an increase in capacitor value CCPC results in a smaller
voltage change per pulse CUP or CDN. Thus the compensation due to internal current
sink source Isink is slower and therefore the sensitivity of the sensor increases. Likewise a
decrease in capacitor CCPC results in a lower sensitivity. (For further information see
Section 14.)
CSENS = sensing plate capacitance.
RC = external discharge (pull-down) resistor.
RF = low pass filter resistor.
CF = low pass filter capacitor.
Fig 5.
Functional principle of the PCF8883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com