Electronic Components Datasheet Search
  English  ▼

X  

CAL-3 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # CAL-3
Description  All stainless steel transducer multimedia compatibility High-Performance Silicon technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

CAL-3 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  CAL-3 Datasheet HTML 1Page - Omega Engineering, Inc. CAL-3 Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B-96
B
U
1, 2, and 5 psi Low
Pressure Ranges
U
Rugged, Solid State Design
U
All Stainless Steel
U
High Stability, Low Drift
U
0.25% Accuracy
U
RoHS Compliant
U
IP65 Protection Class
SPECIfICATIONS
Excitation: 9 to 30 Vdc (<10 mA)
(reverse polarity and overvoltage
protected)
Output: 0 to 5 Vdc
Accuracy: ±0.25% FS BSL at 25ºC;
includes linearity, hysteresis and
repeatability
Zero Offset: ±2% FSO;
±4% for 1 and 2 psi ranges
Span Setting: ±2% FSO;
±4% for 1 and 2 psi ranges
Total Error Band: ±2% FSO, includes
linearity, hysteresis, repeatability,
thermal hysteresis and
thermal errors (except 1 psi = ±4.5%
and 2 psi = ±3%)
Long-Term Stability (1 Year):
±0.25% typical
Typical Life: 10 million cycles
Operating Temperature: -40 to 85°C
(-40 to 185°F)
Compensated Temperature:
>5 psi Range: -20 to 85°C (-4 to 185°F)
≤5 psi Range: 0 to 50°C (32 to 122°F)
Proof Pressure:
psia and ≤50 psig: 3x capacity
or 20 psi, whichever is greater
≥100 psi: 2x capacity
Burst Pressure: 5x capacity or 25 psi,
whichever is greater
Response Time: <1 ms
Shock: 50 g, 11 ms half-sine shock
Vibration: ±20 g
Wetted Parts: 316 SS for all psia
ranges and 1 to 50 psig; 17-4 PH SS for
ranges 100 to 10,000 psig
Pressure Port: 1⁄4-18 MNPT
Electrical Connections:
PX309: 1.5 m (5') 3-conductor cable
PX319: mini DIN connector with
mating connector included
PX329: Twist-lock connector,
mating connector sold separately
(PT06V-10-6S)
Weight: 155 g (5.4 oz) maximum
all stainless steel
transducer multimedia compatibility
HigH-performance silicon tecHnology
gage/absolute pressure
0 to 5 Vdc output
0-1 to 0-10,000 psi
0-70 mbar to 0-690 bar
Note: Units 100 psig and above may be
subjected to vacuum on the pressure
port without damage
For alternative performance
specifications contact Engineering.
pX309 series
PX319-100G5V, shown
actual size.
mini DIN style
(connector
included).
fast
delivery!
PX309-100G5V, shown
actual size.
Twist-lock style.
PX329-100G5V, shown
actual size.
Cable style.
Metric thread
adaptors available
Order a
snubber to
protect your
pressure
transducer!
PS-4G, shown actual size.
Snubbers protect sensors
from fluid hammers/spikes.
Standard
engineered from
1 to 10,000 psi.


Similar Part No. - CAL-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAL-3-IR ETC-CAL-3-IR Datasheet
407Kb / 2P
Miniature Industrial, Non-Contact
More results

Similar Description - CAL-3

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9131 SMSC-LAN9131 Datasheet
323Kb / 2P
High-Performance Network Multimedia Processing Engine, Featuring RipStream Technology
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com