Electronic Components Datasheet Search
  English  ▼

X  

CAL-3 Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # CAL-3
Description  All stainless steel transducer multimedia compatibility High-Performance Silicon technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

CAL-3 Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  CAL-3 Datasheet HTML 1Page - Omega Engineering, Inc. CAL-3 Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B-97
rugged, general purpose transducer
MODEL NO.
DESCRIPTION
CAL-3
Recalibration: 5-point NIST traceable
PT06V-10-6S
Mating twist-lock connector for PX329
CA-39-4PC22-5
Mating twist-lock connector with 1.5 m (5') cable for PX329
CX5302
Extra mating mini DIN connector for PX319
ACCESSORIES
Comes complete with 5-point NIST-traceable calibration.
Ordering Examples: PX309-100G5V, 100 psi gage pressure transducer with 0 to 5 Vdc output and 1 m cable termination.
PX319-015A5V, 15 psi absolute pressure transducer with 0 to 5 Vdc output and mini DIN termination. PX329-3KG5V, 3000 psi gage pressure
transducer with 0 to 5 Vdc output and twist-lock termination. Mating connector sold separately; order
PT06V-10-6S.
To Order
RANGE
1.5 m CABLE
MINI DIN
TWIST-LOCk
bar
psi
CONNECTION
CONNECTION
CONNECTION
ABSOLUTE PRESSURE
0 to 0.34
0 to 5
PX309-005A5V
PX319-005A5V
PX329-005A5V
0 to 1
0 to 15
PX309-015A5V
PX319-015A5V
PX329-015A5V
0 to 2.1
0 to 30
PX309-030A5V
PX319-030A5V
PX329-030A5V
0 to 3.4
0 to 50
PX309-050A5V
PX319-050A5V
PX329-050A5V
0 to 6.9
0 to 100
PX309-100A5V
PX319-100A5V
PX329-100A5V
0 to 14
0 to 200
PX309-200A5V
PX319-200A5V
PX329-200A5V
0 to 21
0 to 300
PX309-300A5V
PX319-300A5V
PX329-300A5V
GAGE PRESSURE
0 to 0.07
0 to 1
PX309-001G5V
PX319-001G5V
PX329-001G5V
0 to 0.14
0 to 2
PX309-002G5V
PX319-002G5V
PX329-002G5V
0 to 0.34
0 to 5
PX309-005G5V
PX319-005G5V
PX329-005G5V
0 to 1
0 to 15
PX309-015G5V
PX319-015G5V
PX329-015G5V
0 to 2.1
0 to 30
PX309-030G5V
PX319-030G5V
PX329-030G5V
0 to 3.4
0 to 50
PX309-050G5V
PX319-050G5V
PX329-050G5V
0 to 6.9
0 to 100
PX309-100G5V
PX319-100G5V
PX329-100G5V
0 to 10
0 to 150
PX309-150G5V
PX319-150G5V
PX329-150G5V
0 to 14
0 to 200
PX309-200G5V
PX319-200G5V
PX329-200G5V
0 to 21
0 to 300
PX309-300G5V
PX319-300G5V
PX329-300G5V
0 to 34
0 to 500
PX309-500G5V
PX319-500G5V
PX329-500G5V
0 to 69
0 to 1000
PX309-1kG5V
PX319-1kG5V
PX329-1kG5V
0 to 138
0 to 2000
PX309-2kG5V
PX319-2kG5V
PX329-2kG5V
0 to 207
0 to 3000
PX309-3kG5V
PX319-3kG5V
PX329-3kG5V
0 to 345
0 to 5000
PX309-5kG5V
PX319-5kG5T
PX329-5kG5V
0 to 517
0 to 7500
PX309-7.5kG5V
PX319-7.5kG5V
PX329-7.5kG5V
0 to 690
0 to 10,000
PX309-10kG5V
PX319-10kG5V
PX329-10kG5V
Dimensions: mm (inch)
56
(2.2) max
16
(0.63)
max
20
(0.8) max
16
(0.63)
Cable
PX309
30
(1.2)
1.5 m (5')
7
⁄8 HEX
22 (0.88) DIA
5 Vdc Output Wiring
Mini
Twist-
Wiring
Cable DIN
Lock
Excitation (+) Red
Pin 1 Pin A
Excitation (-) Black Pin 2 Pin B
Output (+)
White Pin 3 Pin C
NIC†
Pin 4 Pin D
Spare
Pin E
Vent
Pin f
P-DPG500 Fig. 1
1
⁄4 NPT Pressure
Snubbers:
PS-4G = Gas
PS-4E = Lt Oil
PS-4D = Dense Lq



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com