Electronic Components Datasheet Search
  English  ▼

X  

SN54HC253 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54HC253
Description  DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC253 Datasheet(HTML) 5 Page - Texas Instruments

  SN54HC253 Datasheet HTML 1Page - Texas Instruments SN54HC253 Datasheet HTML 2Page - Texas Instruments SN54HC253 Datasheet HTML 3Page - Texas Instruments SN54HC253 Datasheet HTML 4Page - Texas Instruments SN54HC253 Datasheet HTML 5Page - Texas Instruments SN54HC253 Datasheet HTML 6Page - Texas Instruments SN54HC253 Datasheet HTML 7Page - Texas Instruments SN54HC253 Datasheet HTML 8Page - Texas Instruments SN54HC253 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74HC253EP
DUAL 4LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
WITH 3STATE OUTPUTS
SCLS560 − JANUARY 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
V
VOH
VI = VIH or VIL
IOH = −6 mA
4.5 V
3.98
4.3
3.7
V
IOH = −7.8 mA
6 V
5.48
5.8
5.2
2 V
0.002
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 6 mA
4.5 V
0.17
0.26
0.4
V
IOL = 7.8 mA
6 V
0.15
0.26
0.4
II
VI = VCC or 0
6 V
±0.1
±100
±1000
nA
IOZ
VO = VCC or 0
6 V
±0.01
±0.5
±10
µA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
µA
Ci
2 V to 6 V
3
10
10
pF
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
62
150
225
A or B
Any Y
4.5 V
19
30
45
tpd
A or B
Any Y
6 V
16
26
38
ns
tpd
Data
2 V
54
126
210
ns
Data
(Any C)
Y
4.5 V
16
28
42
(Any C)
Y
6 V
13
23
36
2 V
28
100
150
ten
OE
Y
4.5 V
11
20
30
ns
ten
OE
Y
6 V
9
17
26
ns
2 V
21
135
203
tdis
OE
Y
4.5 V
14
30
45
ns
tdis
OE
Y
6 V
12
35
38
ns
2 V
28
60
90
tt
Y
4.5 V
8
12
18
ns
tt
Y
6 V
6
10
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com