Electronic Components Datasheet Search
  English  ▼

X  

LS173A Datasheet(PDF) 1 Page - Texas Instruments

Part # LS173A
Description  4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LS173A Datasheet(HTML) 1 Page - Texas Instruments

  LS173A Datasheet HTML 1Page - Texas Instruments LS173A Datasheet HTML 2Page - Texas Instruments LS173A Datasheet HTML 3Page - Texas Instruments LS173A Datasheet HTML 4Page - Texas Instruments LS173A Datasheet HTML 5Page - Texas Instruments LS173A Datasheet HTML 6Page - Texas Instruments LS173A Datasheet HTML 7Page - Texas Instruments LS173A Datasheet HTML 8Page - Texas Instruments LS173A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54173, SN54LS173A, SN74173, SN74LS173A
4-BIT D-TYPE REGISTERS
WITH 3-STATE OUTPUTS
SDLS067A – OCTOBER 1976 – REVISED JUNE 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 3-State Outputs Interface Directly With
System Bus
D Gated Output-Control LInes for Enabling or
Disabling the Outputs
D Fully Independent Clock Virtually
Eliminates Restrictions for Operating in
One of Two Modes:
– Parallel Load
– Do Nothing (Hold)
D For Application as Bus Buffer Registers
D Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Flat
(W) Packages, Ceramic Chip Carriers (FK),
and Standard Plastic (N) and Ceramic (J)
DIPs
TYPE
TYPICAL
PROPAGATION
DELAY TIME
MAXIMUM
CLOCK
FREQUENCY
’173
23 ns
35 MHz
’LS173A
18 ns
50 MHz
description
The ’173 and ’LS173A 4-bit registers include
D-type flip-flops featuring totem-pole 3-state
outputs capable of driving highly capacitive
or
relatively
low-impedance
loads.
The
high-impedance
third
state
and
increased
high-logic-level drive provide these flip-flops with
the capability of being connected directly to and
driving the bus lines in a bus-organized system without need for interface or pull-up components. Up to 128 of
the SN74173 or SN74LS173A outputs can be connected to a common bus and still drive two Series 54/74 or
54LS/74LS TTL normalized loads, respectively. Similarly, up to 49 of the SN54173 or SN54LS173A outputs can
be connected to a common bus and drive one additional Series 54/74 or 54LS/74LS TTL normalized load,
respectively. To minimize the possibility that two outputs will attempt to take a common bus to opposite logic
levels, the output control circuitry is designed so that the average output disable times are shorter than the
average output enable times.
Gated enable inputs are provided on these devices for controlling the entry of data into the flip-flops. When both
data-enable (G1, G2) inputs are low, data at the D inputs are loaded into their respective flip-flops on the next
positive transition of the buffered clock input. Gate output-control (M, N) inputs also are provided. When both
are low, the normal logic states (high or low levels) of the four outputs are available for driving the loads or bus
lines. The outputs are disabled independently from the level of the clock by a high logic level at either
output-control input. The outputs then present a high impedance and neither load nor drive the bus line. Detailed
operation is given in the function table.
The SN54173 and SN54LS173A are characterized for operation over the full military temperature range of
–55
°C to 125°C. The SN74173 and SN74LS173A are characterized for operation from 0°C to 70°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
M
N
1Q
2Q
3Q
4Q
CLK
GND
VCC
CLR
1D
2D
3D
4D
G2
G1
SN54173, SN54LS173A ...J OR W PACKAGE
SN74173 ...N PACKAGE
SN74LS173A ...D or N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1D
2D
NC
3D
4D
1Q
2Q
NC
3Q
4Q
SN54LS173A . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - LS173A

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS17 CITIZEN-LS17 Datasheet
178Kb / 1P
Non-illuminated/Vertical Type
logo
saftbatteries
LS17500 SAFT-LS17500 Datasheet
459Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density A-size bobbin cell
logo
CITIZEN ELECTRONICS CO....
LS17B2 CITIZEN-LS17B2 Datasheet
178Kb / 1P
Non-illuminated/Vertical Type
LS17B2 CITIZEN-LS17B2 Datasheet
449Kb / 1P
Non-illuminated/Vertical Type
LS17B2T CITIZEN-LS17B2T Datasheet
178Kb / 1P
Non-illuminated/Vertical Type
More results

Similar Description - LS173A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS173A MOTOROLA-SN54LS173A Datasheet
207Kb / 6P
4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54173 TI-SN54173 Datasheet
562Kb / 19P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
4-bit D-type Register (with 3-state Outputs)
HD74LV595A HITACHI-HD74LV595A Datasheet
82Kb / 19P
8-bit Shift Registers with 3-state Outputs
logo
Texas Instruments
74LS672 TI-74LS672 Datasheet
330Kb / 9P
4-BIT UNIVERSAL SHIFT REGISTERS/LATCHES WITH 3-STATE OUTPUTS
CY54FCT374T TI-CY54FCT374T Datasheet
198Kb / 15P
8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT374T TI-CY54FCT374T_08 Datasheet
320Kb / 14P
8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT574T TI-CY54FCT574T Datasheet
313Kb / 12P
8-BIT REGISTERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC173 RENESAS-HD74HC173 Datasheet
113Kb / 8P
4-bit D-type Register (with 3-state outputs)
logo
Texas Instruments
SN54173 TI1-SN54173_15 Datasheet
497Kb / 20P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com