Electronic Components Datasheet Search
  English  ▼

X  

TD-7 Datasheet(PDF) 2 Page - Macromatic Industrial Controls, Inc.

Part # TD-7
Description  time delay relays | plug - in
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACROMATIC [Macromatic Industrial Controls, Inc.]
Direct Link  https://macromatic.com/
Logo MACROMATIC - Macromatic Industrial Controls, Inc.

TD-7 Datasheet(HTML) 2 Page - Macromatic Industrial Controls, Inc.

  TD-7 Datasheet HTML 1Page - Macromatic Industrial Controls, Inc. TD-7 Datasheet HTML 2Page - Macromatic Industrial Controls, Inc. TD-7 Datasheet HTML 3Page - Macromatic Industrial Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
800.238.7474
www.macromatic.com
sales@macromatic.com
Build your Time Delay Relays with the Online Product Builder
38
Single Function Products
INPUT
PRODUCT
WIRING/
FUNCTION 
VOLTAGE
NUMBER
SOCKETS
ON DELAY
120V AC/DC
TD-70222
12V DC
TD-70226
8 PIN OCTAL
24V AC/DC
TD-70228
70169-D
240V AC
TD-70221
INTERVAL ON
120V AC/DC
TD-70522
12V DC
TD-70526
24V AC/DC
TD-70528
240V AC
TD-70521
FLASHER
120V AC/DC
TD-70822
(OFF 1st)
12V DC
TD-70826
24V AC/DC
TD-70828
DIAGRAM 1
240V AC
TD-70821
OFF DELAY
120V AC/DC
TD-71622
11 PIN OCTAL
12V DC
TD-71626
70170-D
24V AC/DC
TD-71628
240V AC
TD-71621
SINGLE SHOT
120V AC/DC
TD-71522
12V DC
TD-71526
24V AC/DC
TD-71528
240V AC
TD-71521
DIAGRAM 2
 Pushbutton Thumbwheels for
digital set of time delay
 50ms - 999 hour programmable
time range
 Uses industry-standard 8 or 11
pin octal sockets
 10A DPDT output contacts
 LED indicates timing mode and
time out conditions
Pilot duty rating
The TD-7 series of time delay relays offer an easy and accurate way to select any
time delay between 50ms and 999 hours. Programming is accomplished by using
a pushbutton thumbwheel to select one of seven built-in time ranges and three
pushbutton thumbwheels to digitally set the time delay required. This method
provides a greater setting accuracy than is found on other units with an analog
potentiometer. An LED indicates timing mode and time out condition.
Multi-function versions available.
Sockets & Accessories available
 See “Definitions of Timing Functions”.
PROGRAMMABLE | MULTI-RANGE
Digital-Set | TD-7 Series Time Rangertm
with appropriate
socket



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com