Electronic Components Datasheet Search
  English  ▼

X  

TD-7 Datasheet(PDF) 1 Page - Macromatic Industrial Controls, Inc.

Part # TD-7
Description  time delay relays | plug - in
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACROMATIC [Macromatic Industrial Controls, Inc.]
Direct Link  https://macromatic.com/
Logo MACROMATIC - Macromatic Industrial Controls, Inc.

TD-7 Datasheet(HTML) 1 Page - Macromatic Industrial Controls, Inc.

  TD-7 Datasheet HTML 1Page - Macromatic Industrial Controls, Inc. TD-7 Datasheet HTML 2Page - Macromatic Industrial Controls, Inc. TD-7 Datasheet HTML 3Page - Macromatic Industrial Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
800.238.7474
www.macromatic.com
sales@macromatic.com
Build your Time Delay Relays with the Online Product Builder
37
 Ten user-selectable modes in
one unit
 Pushbutton Thumbwheels
for digital set of time delay &
function
 50ms - 999 hour programmable
time range
 Uses industry-standard 11 pin
octal socket
 10A DPDT output contacts
 LED indicates timing mode
and time out conditions
Pilot duty rating
Multi-Function Product
INPUT
PRODUCT
WIRING/
FUNCTION 
VOLTAGE
NUMBER
SOCKETS
MULTI-FUNCTION
120V AC/DC
TD-78122
11 PIN OCTAL
(10 Functions in One Unit)
12V DC
TD-78126
70170-D
On Delay
24V AC/DC
TD-78128
Interval On
240V AC
TD-78121
Off Delay *
Single Shot *
Flasher (OFF 1st)
Flasher (ON 1st)
On/Off Delay *
Single Shot Falling Edge *
Watchdog *
Triggered On Delay *
DIAGRAM 121
The TD-781 Series offers an easy and accurate way to select a function and any
time delay between 50ms and 999 hours. Programming is accomplished by using
a pushbutton thumbwheel to select one of seven built-in time ranges and three
pushbutton thumbwheels to digitally set the time delay required. This method
provides a greater setting accuracy than is found on other units with an analog
potentiometer. These units have a fifth pushbutton thumbwheel to select one of
ten built-in functions. An LED indicates timing mode and time out condition.
Single-function versions available.
Sockets & Accessories available
 See “Definitions of Timing Functions”.
*
These are the only functions requiring use of the Control Switch shown in
Wiring Diagrams above.
PROGRAMMABLE | MULTI-RANGE
Digital-Set | TD-7 Series Time Rangertm
with appropriate
socket


Similar Part No. - TD-7

ManufacturerPart #DatasheetDescription
logo
Macromatic Industrial C...
TD-70221 MACROMATIC-TD-70221 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
TD-70222 MACROMATIC-TD-70222 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
TD-70226 MACROMATIC-TD-70226 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
TD-70228 MACROMATIC-TD-70228 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
TD-70521 MACROMATIC-TD-70521 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results

Similar Description - TD-7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
821TD10H-UNI SCHNEIDER-821TD10H-UNI Datasheet
482Kb / 6P
Time Delay Relays
logo
Littelfuse
TDM120AL LITTELFUSE-TDM120AL Datasheet
323Kb / 2P
Time Delay Relays DELAY-ON-MAKE
1-B-030121
TRDU LITTELFUSE-TRDU Datasheet
838Kb / 3P
Time Delay Relays Multifunction
2016
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
TRS LITTELFUSE-TRS Datasheet
380Kb / 2P
Time Delay Relays / SINGLE SHOT
2021 Rev: 1-C-030121
TRU LITTELFUSE-TRU Datasheet
491Kb / 2P
Time Delay Relays / Multifunction
2018 Rev: 1-A-032318
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
TA12D1 LITTELFUSE-TA12D1 Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
TL120A5T LITTELFUSE-TL120A5T Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com