Electronic Components Datasheet Search
  English  ▼

X  

0808736 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0808736
Description  Type 3 surge protection device - TTC-6P-T3-24DC-UT-I
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808736 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0808736 Datasheet HTML 1Page - PHOENIX CONTACT 0808736 Datasheet HTML 2Page - PHOENIX CONTACT 0808736 Datasheet HTML 3Page - PHOENIX CONTACT 0808736 Datasheet HTML 4Page - PHOENIX CONTACT 0808736 Datasheet HTML 5Page - PHOENIX CONTACT 0808736 Datasheet HTML 6Page - PHOENIX CONTACT 0808736 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/gb/products/1027584
12/30/2019   Page 3 / 7
Type 3 surge protection device - TTC-6P-T3-24DC-UT-I - 1027584
Technical data
Protective circuit
Voltage protection level Up (DC+/DC-) - PE
≤ 0.7 kV
≤ 100 ns
Short-circuit current rating ISCCR
60 A DC (without additional backup fuse)
220 A DC
Max. backup fuse with branch wiring
6 A (gG)
10 A (see the note: CBM, CBMC, PTCB, CB E1)
Maximum backup fuse for through wiring
6 A (gG)
Connection data
Connection method
Screw connection
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section solid
0.2 mm² ... 4 mm²
Conductor cross section AWG
24 ... 12
Screw thread
M3
Tightening torque
0.5 Nm ... 0.6 Nm
Stripping length
8 mm
Standards and Regulations
Standards/specifications
IEC 61643-11 2011
EN 61643-11 2012
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com