Electronic Components Datasheet Search
  English  ▼

X  

0808736 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 0808736
Description  Type 3 surge protection device - TTC-6P-T3-24DC-UT-I
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808736 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  0808736 Datasheet HTML 1Page - PHOENIX CONTACT 0808736 Datasheet HTML 2Page - PHOENIX CONTACT 0808736 Datasheet HTML 3Page - PHOENIX CONTACT 0808736 Datasheet HTML 4Page - PHOENIX CONTACT 0808736 Datasheet HTML 5Page - PHOENIX CONTACT 0808736 Datasheet HTML 6Page - PHOENIX CONTACT 0808736 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
https://www.phoenixcontact.com/gb/products/1027584
12/30/2019   Page 7 / 7
Type 3 surge protection device - TTC-6P-T3-24DC-UT-I - 1027584
Accessories
Shield connection - SSA 3-6 - 2839295
Shield fast connection for 3 ... 6 mm cable diameter. Potential connecting cable: 200 mm, 1 mm², color: black
 
 
Shield connection - SSA 5-10 - 2839512
Shield fast connection for 5 ... 10 mm cable diameter. Potential connecting cable: 200 mm, 1 mm², color: black
 
 
Spare parts
Type 3 surge protection plug - TTC-6P-T3-24DC-I-P - 1027591
Replacement plug for type 3 surge protection from the TERMITRAB complete T3 product series. Nominal voltage 24
V.
 
 
Phoenix Contact 2019 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com