Electronic Components Datasheet Search
  English  ▼

X  

SB330 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SB330
Description  CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SB330 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SB330 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SB330 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB320 THRU SB3100
CURRENT 3.0Amperes
VOLTAGE 20 to 100 Volts
Maximum Ratings and Electrical Characteristics
Notes:
(1) Pulse test: 300μS pulse width, 1% duty cycle
(2) Thermal resistance from junction to lead vrtical P.C.B. mounted, 0.5"(12.7mm) lead length
with 2.5X2.5"(63.5X63.5mm) copper pads
(3) Measured 1MHz and reverse voltage of 4.0 volts
(Ratings at 25℃ ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive
load. For capacitive load, derate by 20%)
Features
Mechanical Data
· Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
· Metal silicon junction, majority carrier conduction
· Guard ring for overvoltage protection
· Low power loss, high efficiency
· High current capability, Low forward voltage drop
· High surge capability
· For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
· High temperature soldering guaranteed :
250℃/10 seconds at terminals,
0.375" (9.5mm) lead length, 5lbs. (2.3Kg) tension
· Case : JEDEC DO-201AD molded plastic body
· Terminals : Plated axial leads, solderable per
MIL-STD-750, Method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.041 ounce, 1.15 gram
Symbols
SB320
SB340
Units
Maximum repetitive peak reverse voltage
VRRM
20
30
40
Volts
Maximum RMS voltage
VRMS
0.55
0.58
Maximum DC blocking Voltage
VDC
Volts
Maximum average forward rectified current
0.375"(9.5mm) lead length(see Fig. 1)
I(AV)
3.0
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
80.0
Amps
Amps
Maximum instantaneous forward voltage
at 3.0A (Note 1)
VF
3.0
Volts
TA=25℃
20
Maximum instantaneous reverse
current at rated DC blocking
voltage (Note1)
TA=100℃
250
mA
Typical thermal resistance (Note 2)
40.0
℃/W
Operating junction temperature range
-55 to +125
℃
IR
IFSM
RθJA
TJ
Volts
SB330
CJ
14
21
28
20
30
40
P
F
Typical junction capacitance (Note 3)
Storage temperature range
TSTG
-55 to +150
-55 to +150
℃
0.85
SB350
SB380
50
60
80
SB360
35
42
56
50
60
80
SB3100
100
70
100
RθJL
10.0
10
160
Dimensions in inches and (millimeters)
DO-201AD
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.375(9.5)
0.285(7.2)
0.042(1.1)
0.037(0.9)
DIA.
0.210(5.3)
0.188(4.8)
DIA.


Similar Part No. - SB330

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB330 PANJIT-SB330 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SB330 TRSYS-SB330 Datasheet
154Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB330 WTE-SB330 Datasheet
46Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB330 SSE-SB330 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB330 DIODES-SB330 Datasheet
147Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
More results

Similar Description - SB330

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1N5820 DAESAN-1N5820 Datasheet
369Kb / 2P
CURRENT 3.0Amperes VOLTAGE 20 to 40 Volts
SB120 DAESAN-SB120 Datasheet
356Kb / 2P
CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SBP820 DAESAN-SBP820 Datasheet
381Kb / 2P
CURRENT 8.0Amperes VOLTAGE 20 to 100 Volts
SK32 DAESAN-SK32 Datasheet
289Kb / 2P
CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
SR202 DAESAN-SR202 Datasheet
349Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SR302 DAESAN-SR302 Datasheet
306Kb / 2P
CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
SS22 DAESAN-SS22 Datasheet
310Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SS32 DAESAN-SS32 Datasheet
289Kb / 2P
CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
SK52 DAESAN-SK52 Datasheet
320Kb / 2P
CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
logo
Microdiode Semiconducto...
SS315SMB CHENDA-SS315SMB Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 3.0Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com